Electronic Components Datasheet Search
  English  ▼

X  

48K Datasheet(PDF) 1 Page - Tyco Electronics

Part # 48K
Description  Programmable Time Delay Relay
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

48K Datasheet(HTML) 1 Page - Tyco Electronics

  48K Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1210
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Specifications and availability
subject to change.
AGASTAT
Catalog 1308242
Issued 3-03 (PDF Rev. 4-04)
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
48K series
Programmable
Time Delay Relay
• Up to 8 user-programmable timing modes
• 0.1 sec. to 10 hr. programmable timing range
• Socket or panel mount (1/16 DIN enclosure)
• Universal (24-240VAC/24-125VDC) and fixed input types
• 10A output relay with DPDT contacts
• Two LED indicators on universal input types
• ANSI C37.90 transient protection on universal input types
File E60363
File LR29186
Timing Modes
Modes are user selectable via rotary selector switch (shown above) or
screwdriver adjustment on optional recessed knob equipped models that
are available on a special order basis for tamper-resistant requirements.
Modes offered on specific models are:
48K91U: On-Delay, Off-Delay, Interval, On/Interval, One Shot, Repeat
Cycle, On-Delay/Off-Delay, Accumulating On.
48K90U: On-Delay, Interval, On/Interval, Repeat Cycle.
48K01A: On-Delay.
Timing Specifications
Timing Ranges: 0.1 to 1 / 1 to 10 / 10 to 100 sec.; 1 to 10 / 10 to 100 min.;
1 to 10 hr.
Timing Adjustment: Potentiometer adjustment with linear reference
calibrations. Recessed dial option is available on a special order basis for
tamper-resistant requirements.
Accuracy: Repeat Accuracy:
±0.5% ±0.02 sec.
Overall Accuracy:
±1% ±0.02 sec.
Reset Time: 25 ms.
Relay Operate Time: 50 ms.
Relay Release Time: 50 ms.
Contact Data @ 25
°C
Arrangements: 2 Form C (DPDT).
Rating: 10A @ 30VDC or 120/240VAC, resistive.
Expected Mechanical Life: 10 million operations.
Expected Electrical Life: 100,000 operations, min., at rated load.
Initial Dielectric Strength
Between Coil, Contacts and Case: 1,500VAC.
Ordering Information – Authorized distributors are likely to stock boldface part numbers listed below.
Outline Dimensions
Wiring Diagrams (Bottom Views)
(pins numbered clockwise from keyway)
Part Number
Timing Modes
Operating Voltage
Termination Pins
48K01AS
One - On-Delay
120VAC 50/60 Hz.
8
48K90US
Four - On-Delay, Interval, On/Interval, Repeat Cycle
Universal (24-240VAC, 50/60 Hz. or 24-125VDC)
8
48K91US
Eight - On-Delay, Off-Delay, Interval, On/Interval, One Shot,
Universal (24-240VAC, 50/60 Hz. or 24-125VDC)
11
Repeat Cycle, On-Delay/Off-Delay, Accumulating On
Ordering Note: The part numbers listed above are standard products with knobs for adjustment of mode, range and timing. On a special order basis other models are
available with recessed dials requiring a screwdriver for adjustment. On the special order versions, the "S" part number suffix is replaced by an "R" suffix. Consult factory
for availability of special order models.
Mechanical Data
Termination: 8 or 11-pin octal style plug.
Enclosure: Grey plastic 1/16 DIN case for socket or panel mounting.
Indicating LEDs:
48K90U & 48K91U: Power On LED & Output Contacts LED (Typically
flashes when timing, stays on when output relay is
energized.)
48K01A: Output Contacts LED
Sockets: Fits either 27E123 or 27E892 (snap-on) screw terminal sockets.
Weight: 5 oz. (142g) approximately.
Environmental Data
Temperature Range: Storage: -25
°C to +85°C.
Operating: -25
°C to +60°C.
Input Data @ 25
°C
Voltage: 48K90U & 48K91U: 24 - 240VAC, 50/60 Hz. and 24-125VDC.
48K01A: 120VAC, 50/60 Hz.
Power Requirement: 2W, max.
Transient Protection: 48K90U & 48K91U: Meets ANSI C37.90 Transient
Specification.
48K01A: 2,500V for 1ms.
1.89
(48.0) Max.
1.89
(48.0) Max.
48K91US
(dotted line represents
internal connection)
48K90US
48K01AS
Users should thoroughly review the technical data before selecting a product part
number. It is recommended that user also seek out the pertinent approvals files of
the agencies/laboratories and review them to ensure the product meets the
requirements for a given application.
NOTE:
This product has recently been discontinued.
Suggested alternatives are the P&B CNT,
CNS and CNM5 series time delay relays.


Similar Part No. - 48K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
48KN007-GRX ETC2-48KN007-GRX Datasheet
75Kb / 1P
Knurled Nut
More results

Similar Description - 48K

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SCF MACOM-SCF Datasheet
148Kb / 1P
Programmable Time Delay Relay
2-1393136-3 MACOM-2-1393136-3 Datasheet
56Kb / 2P
CMOS IC Time Delay Relay
2-1393136-8 MACOM-2-1393136-8 Datasheet
50Kb / 2P
CMOS IC Time Delay Relay
2-1393138-0 MACOM-2-1393138-0 Datasheet
51Kb / 2P
Compact Time Delay Relay
2-1393138-8 MACOM-2-1393138-8 Datasheet
51Kb / 2P
Compact Time Delay Relay
2-1393138-9 MACOM-2-1393138-9 Datasheet
51Kb / 2P
Compact Time Delay Relay
CGB-38-70005M MACOM-CGB-38-70005M Datasheet
46Kb / 2P
CMOS IC Time Delay Relay
CL-CU MACOM-CL-CU Datasheet
51Kb / 2P
Compact Time Delay Relay
CRB-48-70010 MACOM-CRB-48-70010 Datasheet
32Kb / 1P
Recycle Time Delay Relay
logo
Littelfuse
TDR LITTELFUSE-TDR Datasheet
437Kb / 2P
Relay Output, Recycling Time Delay Relay
2016 Rev: 1-A-062116
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com