Electronic Components Datasheet Search
  English  ▼

X  

254X Datasheet(PDF) 1 Page - Tyco Electronics

Part # 254X
Description  WILMAR??Protective Relays - 250 Series, Over/Undervoltage
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

254X Datasheet(HTML) 1 Page - Tyco Electronics

  254X Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Function:
25
Tyco Electronics / www.tycoelectronics.com / Factory Direct Technical Support: 800-253-4560, ext. 2023 (U.S., Canada, Mexico) or 805-220-2020, ext. 2023 (International)
• ANSI/IEEE C37.90-1978
The 250 series relays provide combined Overvolt-
age and Undervoltage protection in a single
compact unit.
Models are available for single phase or three
phase applications, and are suitable for either 50
Hz, 60 Hz, or 400 Hz operation. The trip point is
adjustable.
A transistorized circuit provides a sharp and
accurate response at the preset tripping voltage;
unaffected by temperature or frequency variations.
Voltage Sensitive Relays
PRODUCT SPECIFICATIONS
Sample Part No.
250X
Model: L-L Volts
250X = 120 VAC, 1 Phase, 50-400 Hz
251X = 120/208 VAC, 3 Phase, 4 Wire, 50-400 Hz
252X = 115 VAC, 3 Phase, 3 Wire, 50-400 Hz
253X* = 230 VAC, 3 Phase, 3 Wire, 50-400 Hz
254X* = 380 VAC, 3 Phase, 3 Wire, 50-400 Hz
255X*= 460 VAC, 3 Phase, 3 Wire, 50-400 Hz
256X* = 575 VAC, 3 Phase, 3 Wire, 50-400 Hz
Mounting
Blank = Stud
X = Flange
* Enclosure heigth is 3.835"
Consult factory for additional models.
PART NUMBER SELECTION
Part Number
Nominal Voltage ...............................
Undervoltage Trip ............................
Overvoltage Trip ...............................
Pick-Up to Drop-Out Differential .....
Contact Ratings ................................
Contact Form ....................................
Operating Temperature Range ........
250 Series
See Part Number Selection
70-100% of nominal voltage, screwdriver adjustable
100-125% of nominal voltage, screwdriver adjustable
3% maximum
5 amp resistive at 120 VAC or 28 VDC
One set N.O., one set N.C.
-20
°C to +85°C
Notes:
1.
Remove screws for access the overvoltage or undervoltage trip adjustments. Clockwise rotation
of the adjustment potentiometer will raise the trip point.
13
/64" DIA.
4 MTG. HOLES
2.750
B.C.
3.500
2
6 -32 STUDS (6)
Contact Arrangements
N C - Open at nominal voltage. Closed at
Overvoltage and Undervoltage
N O - Closed at nominal voltage. Open at
Overvoltage and Undervoltage
Single
Phase
Three
Phase
27/59
WILMAR™ Protective Relays – 250 Series, Over/Undervoltage
Note: Dimensions in inches. Multiply values by 25.4 for dimensions in mm.


Similar Part No. - 254X

ManufacturerPart #DatasheetDescription
logo
3M Electronics
254X 3M-254X Datasheet
68Kb / 2P
3M??Lapping Film Aluminum Oxide 254X
More results

Similar Description - 254X

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
20-000 MACOM-20-000 Datasheet
60Kb / 1P
WILMAR??Protective Relays- 20-000 Series
25-000 MACOM-25-000 Datasheet
63Kb / 1P
WILMAR??Protective Relays - 25-000 Series
710X MACOM-710X Datasheet
83Kb / 1P
WILMAR??Protective Relays - 700 Series
900-3X MACOM-900-3X Datasheet
60Kb / 1P
WILMAR??Protective Relays - 900 Series
1001 MACOM-1001 Datasheet
50Kb / 1P
WILMAR??Protective Relays - 1000 Series
1800 MACOM-1800 Datasheet
79Kb / 2P
WILMAR??Protective Relays - 1800 Series
D100X MACOM-D100X Datasheet
58Kb / 1P
WILMAR??Protective Relays-D100X Series, Close Differential
WC1G-120AC MACOM-WC1G-120AC Datasheet
84Kb / 1P
WILMAR??Protective Relays ??WC1G Series - Grounded
WCT1-48DC-5-B MACOM-WCT1-48DC-5-B Datasheet
123Kb / 2P
WILMAR??Protective Relays ??WC1 & WCT1 Series, Overcurrent
WCD MACOM-WCD Datasheet
58Kb / 1P
WILMAR Protective Relays
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com