Electronic Components Datasheet Search
  English  ▼

X  

710 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 710
Description  WILMAR??Protective Relays - 700 Series
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

710 Datasheet(HTML) 1 Page - Tyco Electronics

  710 Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Function:
28
Tyco Electronics / www.tycoelectronics.com / Factory Direct Technical Support: 800-253-4560, ext. 2023 (U.S., Canada, Mexico) or 805-220-2020, ext. 2023 (International)
ANSI/IEEE C37.90-1978
UL file No. E58048
CSA file No. LR61158
Several types of Reverse Power Relays are available
including relays sensitive to reverse reactive power
(KVAR). WILMAR is the leading brand of reverse power
relays. Our rugged sealed construction provides con-
tinuous and reliable operation unaffected by shock,
vibration or other severe environments. Reverse Power
Relays are used for the protection of generator sets
operating in parallel.
Reverse Power Relays
PRODUCT SPECIFICATIONS
Sample Part No.
710X
Type:
± 20%
710 = 120 V, 220 V, 266 V line to neutral
720 = 120 V, L-L, 3 Phase
721 = 230 V, L-L, 3 Phase
722 = 380 V, L-L, 3 Phase
723 = 460 V, L-L, 3 Phase
724 = 575 V, L-L, 3 Phase
725 = 416 V, L-L, 3 Phase
Mounting:
X = Flange
Blank - Stud
Options:
7 = Reverse Inductive
P = Surge Suppression
Consult factory for additional models.
PART NUMBER SELECTION
Notes:
1.
Remove screw for access to the pick-up adjustment.
2.
Clockwise rotation of the adjustment will raise the reverse trip point.
3.
This relay senses true power, which is a product of voltage, current and phase angle.
Connections and polarity must be obversed in accordance with the provided diagrams.
PART NUMBER SELECTION
Part Number
Line Voltage ......................................
Line Frequency .................................
Current Requirements .....................
Trip Adjustment ...............................
Time Delay ........................................
Output Contacts ...............................
Contact Ratings ................................
Power Consumption ........................
700 Series
Model 710X = 120 V, 220 V or 266 V
line to neutral sensing
50-500 Hz.
0 to 5 amp max direct or from CT with 5 amp
secondary
Screwdriver adjustable 4% to 20% (of the 5 amp rating)
Inverse Delay - See Chart
One set N.O., one set N.C.
5 amp resistive at 120 AC or 28 Vdc
Voltage circuit: 2 VA max.
Current circuit: 4 VA max.
Model 710 (X)
Designed for 120, 220 or 266 volt
line to neutral connection
Model 720 (X) thru 724 (X)
For operation on three phase,
three wire circuits
0%
10%
20%
30%
40%
50%
60%
70%
80%
0.000
0.100
0.200
0.300
0.400
Time Delay (seconds)
11
/64" DIA.
4 MTG. HOLES
3 13/16
2
3
/4
3
1
/2
TERMINAL STRIPS
#6 - 32 SCREWS
32
WILMAR™ Protective Relays – 700 Series
Note: Dimensions in inches. Multiply values by 25.4 for dimensions in mm.


Similar Part No. - 710

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
710 ETC2-710 Datasheet
303Kb / 1P
Wiha Quality Tools Slotted Bits
710 ETC2-710 Datasheet
346Kb / 1P
Dura Torsion Insert and Power Bits
710 ETC2-710 Datasheet
100Kb / 1P
DUAL INPUT DIGITAL THERMOMETERS
logo
AUER Signal GmbH
710 100 004 AUERSIGNAL-710 100 004 Datasheet
167Kb / 2P
KLH Mini horn
710 100 005 AUERSIGNAL-710 100 005 Datasheet
167Kb / 2P
KLH Mini horn
More results

Similar Description - 710

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
20-000 MACOM-20-000 Datasheet
60Kb / 1P
WILMAR??Protective Relays- 20-000 Series
25-000 MACOM-25-000 Datasheet
63Kb / 1P
WILMAR??Protective Relays - 25-000 Series
250X MACOM-250X Datasheet
72Kb / 1P
WILMAR??Protective Relays - 250 Series, Over/Undervoltage
710TD MACOM-710TD Datasheet
85Kb / 1P
WILMAR??Protective Relays - 700 Series w/ Adjustable Time Delay
900-3X MACOM-900-3X Datasheet
60Kb / 1P
WILMAR??Protective Relays - 900 Series
1001 MACOM-1001 Datasheet
50Kb / 1P
WILMAR??Protective Relays - 1000 Series
1800 MACOM-1800 Datasheet
79Kb / 2P
WILMAR??Protective Relays - 1800 Series
WC1G-120AC MACOM-WC1G-120AC Datasheet
84Kb / 1P
WILMAR??Protective Relays ??WC1G Series - Grounded
WCT1-48DC-5-B MACOM-WCT1-48DC-5-B Datasheet
123Kb / 2P
WILMAR??Protective Relays ??WC1 & WCT1 Series, Overcurrent
WCD MACOM-WCD Datasheet
58Kb / 1P
WILMAR Protective Relays
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com