Electronic Components Datasheet Search
  English  ▼

X  

PT6315 Datasheet(PDF) 21 Page - Princeton Technology Corp

Part # PT6315
Description  VFD Driver/Controller IC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT6315 Datasheet(HTML) 21 Page - Princeton Technology Corp

Back Button PT6315 Datasheet HTML 17Page - Princeton Technology Corp PT6315 Datasheet HTML 18Page - Princeton Technology Corp PT6315 Datasheet HTML 19Page - Princeton Technology Corp PT6315 Datasheet HTML 20Page - Princeton Technology Corp PT6315 Datasheet HTML 21Page - Princeton Technology Corp PT6315 Datasheet HTML 22Page - Princeton Technology Corp PT6315 Datasheet HTML 23Page - Princeton Technology Corp PT6315 Datasheet HTML 24Page - Princeton Technology Corp PT6315 Datasheet HTML 25Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
Tel : 886-2-29162151
Fax: 886-2-29174598
VFD Driver/Controller IC
PT6315
PT6315 v2.0
Page 21
Sep. 2002
APPLICATION CIRCUIT 1
44 PIN LQFP
Figure 18: PT6315 LQFP Applicaiton Circuit
Note: The capacitor (0.1uF) connected between the GND and the VDD pins must be located as close
as possible to the PT6315 chip.
12 13 14 15 16 17 18 19 20 21 22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
MCU
Vcc
S19 S18 S17 S16 S15 S14 S13 S12 S11 S10 S9 S8 S7 S6
S5
S4
S3 S2
S1
G9
G8
G7
G6
G5
G4
G3
G2
G2
G1
9-GRID X 19-SEGMENT VFD
10K
330
330
330
330
100K
Vcc
-VEE
10K
10K
PT6315
VCC
1N4148 x 16
0.1 F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com