Electronic Components Datasheet Search
  English  ▼

X  

MIC2165 Datasheet(PDF) 13 Page - Micrel Semiconductor

Part # MIC2165
Description  Adaptive On-Time DC-DC Controller Featuring Hyper Light Load
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2165 Datasheet(HTML) 13 Page - Micrel Semiconductor

Back Button MIC2165 Datasheet HTML 9Page - Micrel Semiconductor MIC2165 Datasheet HTML 10Page - Micrel Semiconductor MIC2165 Datasheet HTML 11Page - Micrel Semiconductor MIC2165 Datasheet HTML 12Page - Micrel Semiconductor MIC2165 Datasheet HTML 13Page - Micrel Semiconductor MIC2165 Datasheet HTML 14Page - Micrel Semiconductor MIC2165 Datasheet HTML 15Page - Micrel Semiconductor MIC2165 Datasheet HTML 16Page - Micrel Semiconductor MIC2165 Datasheet HTML 17Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
Micrel, Inc.
MIC2165
June 2010
13
M9999-060810-D
at startup by controlling the output voltage rise time. The
input surge appears while the output capacitor is
charged up. A slower output rise time will draw a lower
input surge current.
The MIC2165 implements an internal digital soft-start by
making the 0.8V reference voltage VREF ramp from 0 to
100% in about 5ms. Therefore, the output voltage is
controlled to increase slowly by a stair-case VREF ramp.
Once the soft-start cycle ends, the related circuitry is
disabled to reduce current consumption. During soft-start,
the discontinuous mode is disabled in MIC2165.
Current Limit
The MIC2165 uses the RDS(ON) of the low-side power
MOSFET to sense over-current conditions. This method
will avoid adding cost, board space and power losses
taken by discrete current sense resistors. The low-side
MOSFET is used because it displays much lower
parasitic oscillations during switching than the high-side
MOSFET.
In each switching cycle of the MIC2165 converter, the
inductor current is sensed by monitoring the low-side
MOSFET in the OFF period. The sensed voltage is
compared with a current-limit threshold voltage VCL after
a blanking time of 150ns. If the sensed voltage is over
VCL, which is 133mV typical at 0.8V VFB, then the
MIC2165 turns off the high-side and low-side MOSFETs
and a soft-start sequence is triggered. This mode of
operation is called “hiccup mode” and its purpose is to
protect the downstream load in case of a hard short. The
current limit threshold VCL has a foldback characteristic
related to the FB voltage. Please refer to the “Typical
Characteristics” for the curve of current limit threshold vs.
FB voltage percentage. The circuit in Figure 5 illustrates
the MIC2165 current limiting circuit.
Figure 5. MIC2165 Current Limiting Circuit
Using the typical VCL value of 133mV, the current limit
value is roughly estimated as:
DS(ON)
CL
R
133mV
I
≈
For designs where the current ripple is significant
compared to the load current IOUT, or for low duty-cycle
operation, calculating the current limit ICL should take
into account that one is sensing the peak inductor
current and that there is a blanking delay of
approximately 150ns.
2
ΔI
L
t
V
R
133mV
I
L(PP)
DLY
OUT
DS(ON)
CL
−
×
+
=
(2)
L
f
D)
(1
V
ΔI
SW
OUT
L(PP)
×
−
×
=
(3)
where:
VOUT = The output voltage
tDLY = Current limit blanking time, 150ns typical
ΔIL(PP) = Inductor current ripple peak-to-peak value
D = Duty Cycle
fSW = Switching frequency
The MOSFET RDS(ON) varies between 30% to 40% with
temperature; therefore, it is recommended to add 50%
margin to ICL in the above equation to avoid false current
limiting due to increased MOSFET junction temperature
rise. It is also recommended to connect SW pin directly
to the drain of the low-side MOSFET to accurately sense
the MOSFETs RDS(ON).
MOSFET Gate Drive
The MIC2165 high-side drive circuit is designed to
switch an N-Channel MOSFET. The typical application
schematic shows a bootstrap circuit, consisting of D1 (a
Schottky diode is recommended) and CBST. This circuit
supplies energy to the high-side drive circuit. Capacitor
CBST is charged while the low-side MOSFET is on and
the voltage on the SW pin is approximately 0V. When
the high-side MOSFET driver is turned on, energy from
CBST is used to turn the MOSFET on. As the high-side
MOSFET turns on, the voltage on the SW pin increases
to approximately VIN. Diode D1 is reversed biased and
CBST floats high while continuing to keep the high-side
MOSFET on. The bias current of the high-side driver is
less than 10mA so a 0.1μF to 1μF is sufficient to hold
the gate voltage with minimal droop for the power stroke
(high-side switching) cycle, i.e., ΔBST = 10mA x
1.67μs/0.1μF = 167mV. When the low-side MOSFET is
turned back on, CBST is recharged through D1. A small
resistor RG at BST pin can be used to slow down the
turn-on time of the high-side N-channel MOSFET.
The drive voltage is derived from the internal linear
regulator VDD. The nominal low-side gate drive voltage is
VDD and the nominal high-side gate drive voltage is
approximately VDD – VDIODE, where VDIODE is the voltage
drop across D1. A dead time of approximate 30ns delay
between the high-side and low-side driver transitions is
used to prevent current from simultaneously flowing
unimpeded through both MOSFETs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com