Electronic Components Datasheet Search
  English  ▼

X  

ADT7481 Datasheet(PDF) 3 Page - ON Semiconductor

Part # ADT7481
Description  Dual Channel Temperature Sensor and Overtemperature Alarm
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7481 Datasheet(HTML) 3 Page - ON Semiconductor

  ADT7481 Datasheet HTML 1Page - ON Semiconductor ADT7481 Datasheet HTML 2Page - ON Semiconductor ADT7481 Datasheet HTML 3Page - ON Semiconductor ADT7481 Datasheet HTML 4Page - ON Semiconductor ADT7481 Datasheet HTML 5Page - ON Semiconductor ADT7481 Datasheet HTML 6Page - ON Semiconductor ADT7481 Datasheet HTML 7Page - ON Semiconductor ADT7481 Datasheet HTML 8Page - ON Semiconductor ADT7481 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
ADT7481
http://onsemi.com
3
PIN ASSIGNMENT
Pin No.
Mnemonic
Description
1
VDD
Positive Supply, 3.0 V to 3.6 V.
2
D1+
Positive Connection to the Remote 1 Temperature Sensor.
3
D1−
Negative Connection to the Remote 1 Temperature Sensor.
4
THERM
Open−Drain Output. Requires pullup resistor. Signals overtemperature events, could be used to turn a
fan on/off, or throttle a CPU clock.
5
GND
Supply Ground Connection.
6
D2−
Negative Connection to the Remote 2 Temperature Sensor.
7
D2+
Positive Connection to the Remote 2 Temperature Sensor.
8
ALERT/THERM2
Open−Drain Logic Output. Used as interrupt or SMBALERT. This may also be configured as a second
THERM output. Requires pullup resistor.
9
SDATA
Logic Input/Output, SMBus Serial Data. Open−Drain Output. Requires pullup resistor.
10
SCLK
Logic Input, SMBus Serial Clock. Requires pullup resistor.
TIMING SPECIFICATIONS (Note 1)
Parameter
Limit at TMIN and TMAX
Unit
Description
fSCLK
400
kHz max
tLOW
4.7
ms min
Clock low period, between 10% points
tHIGH
4.0
ms min
Clock high period, between 90% points
tR
1.0
ms max
Clock/data rise time
tF
300
ns max
Clock/data fall time
tSU; STA
4.7
ms min
Start condition setup time
tHD; STA
(Note 2)
4.0
ms min
Start condition hold time
tSU; DAT
(Note 3)
250
ns min
Data setup time
tSU; STO
(Note 4)
4.0
ms min
Stop condition setup time
tBUF
4.7
ms min
Bus free time between stop and start conditions
1. Guaranteed by design, not production tested.
2. Time from 10% of SDATA to 90% of SCLK.
3. Time for 10% or 90% of SDATA to 10% of SCLK.
4. Time for 90% of SCLK to 10% of SDATA.
Figure 2. Serial Bus Timing
SCLK
SDATA
tR
tF
tLOW
tHD;DAT
tHD;STA
tHIGH
tSU;DAT
STOP START
STOP
START
tSU;STA
tSU;STO
tHD;STA
tBUF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com