Electronic Components Datasheet Search
  English  ▼

X  

ADT7482 Datasheet(PDF) 2 Page - ON Semiconductor

Part # ADT7482
Description  Dual Channel Temperature Sensor and Overtemperature Alarm
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7482 Datasheet(HTML) 2 Page - ON Semiconductor

  ADT7482 Datasheet HTML 1Page - ON Semiconductor ADT7482 Datasheet HTML 2Page - ON Semiconductor ADT7482 Datasheet HTML 3Page - ON Semiconductor ADT7482 Datasheet HTML 4Page - ON Semiconductor ADT7482 Datasheet HTML 5Page - ON Semiconductor ADT7482 Datasheet HTML 6Page - ON Semiconductor ADT7482 Datasheet HTML 7Page - ON Semiconductor ADT7482 Datasheet HTML 8Page - ON Semiconductor ADT7482 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
ADT7482
http://onsemi.com
2
Figure 1. Functional Block Diagram
11−BIT ADC
RUN/STANDBY
BUSY
SRC
STATUS REGISTERS
INTERRUPT
MASKING
LOCAL TEMPERATURE
VALUE REGISTER
ON−CHIP
TEMPERATURE
SENSOR
ANALOG
MUX
EXTERNAL DIODES OPEN−CIRCUIT
SMBus INTERFACE
ADT7482
6
7
10
1
59
VDD
GND
SDATA
SCLK
8
D2+
D2–
3
2
D1+
D1–
ALERT/THERM2
CONFIGURATION
REGISTERS
LOCAL TEMPERATURE
HIGH−LIMIT REGISTER
LOCAL TEMPERATURE
LOW−LIMIT REGISTER
LOCAL TEMPERATURE
THERM−LIMIT REGISTER
CONVERSION RATE
REGISTER
ONE−SHOT
REGISTER
ADDRESS POINTER
REGISTER
4
THERM
REMOTE 1 AND 2 TEMP
VALUE REGISTERS
REMOTE 1 AND 2 TEMP
THERM−LIMIT REGISTERS
REMOTE 1 AND 2 TEMP
LOW-LIMIT REGISTERS
REMOTE 1 AND 2 TEMP
HIGH−LIMIT REGISTERS
REMOTE 1 AND 2 TEMP
VALUE REGISTERS
ABSOLUTE MAXIMUM RATINGS
Parameter
Rating
Unit
Positive Supply Voltage (VDD) to GND
−0.3 to +3.6
V
D+
−0.3 to VDD + 0.3
V
D− to GND
−0.3 to +0.6
V
SCLK, SDATA, ALERT, THERM
−0.3 to +3.6
V
Input Current, SDATA, THERM
−1 to +50
mA
Input Current, D−
±1
mA
ESD Rating, All Pins (Human Body Model)
2000
V
Maximum Junction Temperature (TJmax)
150
°C
Storage Temperature Range
−65 to +150
°C
IR Reflow Peak Temperature
220
°C
IR Reflow Peak Temperature for Pb−Free
260
°C
Lead Temperature, Soldering (10 sec)
300
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
NOTE: This device is ESD sensitive. Use standard ESD precautions when handling.
THERMAL CHARACTERISTICS
Package Type
qJA
qJC
Unit
10−Lead MSOP
142
43.7
°C/W
1. qJA is specified for the worst−case conditions, that is, a device soldered in a circuit board for surface−mount packages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com