Electronic Components Datasheet Search
  English  ▼

X  

2058703-2 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 2058703-2
Description  Hermaphroditic Blade and Receptacle Connector - Wire-to-Board, Board-to-Board and Dust Cover
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

2058703-2 Datasheet(HTML) 2 Page - Tyco Electronics

  2058703-2 Datasheet HTML 1Page - Tyco Electronics 2058703-2 Datasheet HTML 2Page - Tyco Electronics 2058703-2 Datasheet HTML 3Page - Tyco Electronics 2058703-2 Datasheet HTML 4Page - Tyco Electronics 2058703-2 Datasheet HTML 5Page - Tyco Electronics 2058703-2 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Hermaphrodictic
Blade and Receptacle
Connector :
Wire-to-Board
KEY FEATURES
Available in 2, 4, and 6
•
positions
Connector mates to new
•
Hermaphroditic Blade and
Receptacle Board-to-Board
part numbers
Positive Latching
•
Connector accepts crimp
•
snap contacts
Contacts accept 18 – 22 AWG
•
stranded wire
Contacts packaged on 24
•
inch reels for high speed lead
termination
Housings are bulk packaged
•
RoHS compliant
•
Descriptions
The Wire-to-Board connector is a new plug connector that mates to the new part
number series of the surface mount Hermaphroditic Blade and Receptacle board
to board connectors. The connector provides power to the first LED printed circuit
board in a string of rigid printed circuit board light strips.
AppLicAtions
LED Lighting Controls
LED Lighting Strips
Channel Lettering
eLectricAL
Operating Current : 6 AMPS
Operating Voltage : 125VAC/125VDC
Dielectric Withstanding Voltage : 1500VAC
MecHAnicAL
Operating Temperature : -40°C to +105°C
Mating cycles : 10
MAteriALs
Housings : UL 94 V-0
Contacts : Tin plated brass
stAnDArDs AnD specificAtions
114-13252 : Wire-to-Board Application Specification
108-2387 : Wire-to-Board Product Specification
AppLicAtion tooLinG
2063778-1 : PRO-CRIMPER III Hand Tool (includes die set)
2063778-2 : Die Set for Hand Tool
1852817-1 : Leadmaker Applicator
1852817-2 : AMP-O-LECTRIC “K” Press Applicator
1852817-3 : AMP-O-LECTRIC “G” Press Applicator
For more information visit : http//tooling.tycoelectronics.com
Tyco Electronics I Wire-to-Board



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com