Electronic Components Datasheet Search
  English  ▼

X  

PT6553 Datasheet(PDF) 6 Page - Princeton Technology Corp

Part # PT6553
Description  LCD Driver IC with Key Input Function
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT6553 Datasheet(HTML) 6 Page - Princeton Technology Corp

  PT6553 Datasheet HTML 1Page - Princeton Technology Corp PT6553 Datasheet HTML 2Page - Princeton Technology Corp PT6553 Datasheet HTML 3Page - Princeton Technology Corp PT6553 Datasheet HTML 4Page - Princeton Technology Corp PT6553 Datasheet HTML 5Page - Princeton Technology Corp PT6553 Datasheet HTML 6Page - Princeton Technology Corp PT6553 Datasheet HTML 7Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
LCD Driver IC with Key Input Function
PT6553
Princeton Technology Corp.
Tel : 886-2-29162151
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT6553 v 1.0
6
Updated November 2000
APPLICATION CIRCUIT 4
1/3 Bias (For Large Panel Use)
COM1
COM2
COM3
P1/SG1
P1/SG2
P3/SG3
P4/SG4
SG5
OSC
VDD
TEST
VSS
VDD1
VDD2
CE
CLK
DI
DO
(See Note 2)
(See Note 1)
P1
P2
P3
P4
GENERAL PURPOSE
OUTPUT PORTS USED
WITH THE BACK-
LIGHT CONTROLLER
OR OTHER CIRCUITS
LCD
PANEL
(UP TO 126
SEGMENTS)
SG41
SG42
KEY MATRIX
(UP TO 30 KEYS)
FROM
CONTROLLER
TO CONTROLLER
TO CONTROLLER
POWER SUPPLY
R
R
R
C
C
+5V
C > 0.047uF
Notes : 1. Connect a capacitor to the power supply line so that the when the PT6553 is reset by the
VDET, the power supply VDD rise time when power is applied and the power supply voltage
VDD fall time when power drops are both at least 1 ms.
2. Since the DO Pin is an open drain output, it needs a pull-up resistor (1 to 10 k Ohms) which is
appropriate for the capacitance of the external wiring so that the waveforms are not degraded.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com