Electronic Components Datasheet Search
  English  ▼

X  

BFC233922152 Datasheet(PDF) 13 Page - Vishay Siliconix

Part # BFC233922152
Description  Interference Suppression Film Capacitors MKP Radial Potted Type
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BFC233922152 Datasheet(HTML) 13 Page - Vishay Siliconix

Back Button BFC233922152 Datasheet HTML 9Page - Vishay Siliconix BFC233922152 Datasheet HTML 10Page - Vishay Siliconix BFC233922152 Datasheet HTML 11Page - Vishay Siliconix BFC233922152 Datasheet HTML 12Page - Vishay Siliconix BFC233922152 Datasheet HTML 13Page - Vishay Siliconix BFC233922152 Datasheet HTML 14Page - Vishay Siliconix BFC233922152 Datasheet HTML 15Page - Vishay Siliconix BFC233922152 Datasheet HTML 16Page - Vishay Siliconix BFC233922152 Datasheet HTML 17Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
MKP 339 X2
Vishay BCcomponents
Interference Suppression Film Capacitors
MKP Radial Potted Type
www.vishay.com
For technical questions, contact: RFI@vishay.com
Document Number: 28138
316
Revision: 31-Aug-09
Pitch: 27.5 mm; C-tol = ± 20 %
Notes
(1) Weight for short lead product only
• SPQ = Standard Packing Quantity
Pitch: 27.5 mm; C-tol = ± 10 %
Notes
(1) Weight for short lead product only
• SPQ = Standard Packing Quantity
Pitch: 27.5 mm; C-tol = ± 5 %
Notes
(1) Weight for short lead product only
• SPQ = Standard Packing Quantity
C
(µF)
DIMENSIONS
w x h x l
(mm)
MASS
(g) (1)
CATALOG NUMBER BFC2 339 XXXXX AND PACKAGING
LOOSE IN BOX
Short leads
Long leads
It = 3.5 mm
± 0.3 mm
It = 5.0 mm
± 1.0 mm
SPQ
It = 25.0 mm
± 2.0 mm
SPQ
Pitch = 27.5 mm ± 0.4 mm; dt= 0.80 mm ± 0.08 mm
0.47
9.0 x 19.0 x 31.5
5.5
90076
90078
100
90081
150
0.68
21684
23684
25684
1.0
11.0 x 21.0 x 31.0
7.4
21105
23105
100
25105
125
1.5
13.0 x 23.0 x 31.0
9.2
20155
22155
100
24155
125
2.2
15.0 x 25.0 x 31.5
12.3
20225
22225
100
24225
125
3.3
18.0 x 28.0 x 31.5
16.1
20335
22335
100
24335
100
4.7
21.0 x 31.0 x 31.0
20.3
20475
22475
50
24475
75
C
(µF)
DIMENSIONS
w x h x l
(mm)
MASS
(g) (1)
CATALOG NUMBER BFC2 339 XXXXX AND PACKAGING
LOOSE IN BOX
Short leads
Long leads
It = 3.5 mm
± 0.3 mm
It = 5.0 mm
± 1.0 mm
SPQ
It = 25.0 mm
± 2.0 mm
SPQ
Pitch = 27.5 mm ± 0.4 mm; dt = 0.80 mm ± 0.08 mm
0.68
9.0 x 19.0 x 31.5
5.5
11684
13684
100
15684
150
0.82
11.0 x 21.0 x 31.0
7.4
11824
13824
100
15824
125
1.0
11105
13105
15105
1.2
10125
12125
14125
1.5
13.0 x 23.0 x 31.0
9.2
10155
12155
100
14155
125
1.8
15.0 x 25.0 x 31.5
12.3
10185
12185
100
14185
125
2.2
10225
12225
14225
2.7
18.0 x 28.0 x 31.5
16.1
10275
12275
100
14275
100
3.3
21.0 x 31.0 x 31.0
20.3
10335
12335
50
14335
75
3.9
10395
12395
14395
C
(µF)
DIMENSIONS
w x h x l
(mm)
MASS
(g) (1)
CATALOG NUMBER BFC2 339 XXXXX AND PACKAGING
LOOSE IN BOX
Short leads
Long leads
It = 3.5 mm
± 0.3 mm
It = 5.0 mm
± 1.0 mm
SPQ
It = 25.0 mm
± 2.0 mm
SPQ
Pitch = 27.5 mm ± 0.4 mm; dt = 0.80 mm ± 0.08 mm
0.68
9.0 x 19.0 x 31.5
5.5
51684
53684
100
55684
150
0.82
11.0 x 21.0 x 31.0
7.4
51824
53824
100
55824
125
1.0
51105
53105
55105
1.2
13.0 x 23.0 x 31.0
9.2
50125
52125
100
54125
125
1.5
50155
52155
54155
1.8
15.0 x 25.0 x 31.5
12.3
50185
52185
100
54185
125
2.2
18.0 x 28.0 x 31.5
16.1
50225
52225
100
54225
100
2.7
50275
52275
54275
3.3
21.0 x 31.0 x 31.0
20.3
50335
52335
50
54335
75



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com