Electronic Components Datasheet Search
  English  ▼

X  

FMBD Datasheet(PDF) 5 Page - Schurter Inc.

Part # FMBD
Description  2-stage filter for 3-phase systems with neutral conductor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

FMBD Datasheet(HTML) 5 Page - Schurter Inc.

  FMBD Datasheet HTML 1Page - Schurter Inc. FMBD Datasheet HTML 2Page - Schurter Inc. FMBD Datasheet HTML 3Page - Schurter Inc. FMBD Datasheet HTML 4Page - Schurter Inc. FMBD Datasheet HTML 5Page - Schurter Inc. FMBD Datasheet HTML 6Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image

3-Phase Filters
FMBD NEO
www.schurter.com/pg80
EMC Products
Technical data to the filter components
Rated Current
@ Ta 0°C (7°C) [A]
L
[mH]
L
[
μH]
C [
μF] C [μF] C3 [μF] R [MΩ] R [MΩ] R3 [MΩ]
8 (5)
2
4
2.2
2.2
3.4
-
1
2
16 (11)
1.3
12
2.2
2.2
3.4
-
1
2
25 (16)
1.6
12
4.7
4.7
3.4
1
1
2
36 (21)
1
12
4.7
4.7
3.4
1
1
2
64 (40)
0.7
7.5
4.7
4.7
3.4
1
1
2
80 (50)
0.6
9
8.2
8.2
3.4
1
1
2
120 (96)
0.6
9
13.6
13.6
3.4
0.5
0.5
2
160 (100)
0.4
9
13.6
13.6
3.4
0.5
0.5
2
200 (140)
0.3
9
13.6
13.6
3.4
0.5
0.5
2
Diagrams
L1
L2
L3
N
PE
L1'
L2'
L3'
N'
PE
C1/R1
C1/R1
C1/R1
C2/R2
C2/R2
C2/R2
L1
L2
C3/R3
1)
2)
1) Line
2) Load
Derating Curves
Permissible Working Current as a Function of Ambient Temperature
100
80
60
40
20
0
0
20
40
60
75
100
UL Listet
Ambient air temperature Ta °C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com