Electronic Components Datasheet Search
  English  ▼

X  

FUL Datasheet(PDF) 3 Page - Schurter Inc.

Part # FUL
Description  Caps to Holder FUL, FUP, FUA
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

FUL Datasheet(HTML) 3 Page - Schurter Inc.

  FUL Datasheet HTML 1Page - Schurter Inc. FUL Datasheet HTML 2Page - Schurter Inc. FUL Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image

Fuseholders
Caps to FUL, FUP, FUA
www.schurter.com/pg02
Fuses

Fuseholders
Caps to FUL, FUP, FUA
www.schurter.com/pg02
Fuses
Caps to Holder FUL, FUP, FUA
500 VAC · 250VAC · 30A (UL/CSA)
Description
-Fits to type: FUA; FUL; FUP
Standards
-IEC 60127-6
-UL 512
-CSA C22.2 no. 39
Approvals
-VDE License Number: 40010391
-UL File Number: E39328
References
General Product Information
Weblinks
Approvals, RoHS, CHINA-RoHS, e-Store, SCHURTER-Stock-Check,
Distributor-Stock-Check
Technical Data
Fuse-Link
5 x 20 or 6.3 x 32 mm
Rated Voltage
500 VAC (VDE), 250 VAC (UL/CSA)
Rated Current
16 A (VDE), 30 A (UL/CSA)
Degree of Protection
IP 40
Admissible Ambient Air Temp. -40 °C to 85 °C
Material: Cap
Thermoset
Storage Conditions
0 °C to 60 °C, max. 70% r.h.
Dimensions
Length
25.6 mm
25.6
31.4
Variants
Cap
Fuse-Link
Degree of Protection Order Number
Slot Knob
6.3 x 32mm
IP 40
0031.2321
Slot Knob
5 x 20mm
IP 40
0031.2323
Distributor-Stock-Check | SCHURTER-Stock-Check | e-Store
Packaging Unit
Plastic Bag (25 pcs.)
The specifications, descriptions and illustrations indicated in this document are based on
current information. All content is subject to modifications and amendments.
Thespecifications,descriptionsandillustrationsindicatedinthisdocumentarebasedon
currentinformation.Allcontentissubjecttomodificationsandamendments.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com