Electronic Components Datasheet Search
  English  ▼

X  

PT6956 Datasheet(PDF) 3 Page - Princeton Technology Corp

Part # PT6956
Description  12 Bits Shift Register Latched Constant Current Driver IC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT6956 Datasheet(HTML) 3 Page - Princeton Technology Corp

  PT6956 Datasheet HTML 1Page - Princeton Technology Corp PT6956 Datasheet HTML 2Page - Princeton Technology Corp PT6956 Datasheet HTML 3Page - Princeton Technology Corp PT6956 Datasheet HTML 4Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Princeton Technology Corp.
Tel: 886-2-29162151
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT6956 v1.1
3
Updated Nov. 2000
12 Bits Shift Register Latched Constant Current Driver IC
PT6956
APPLICATION CIRCUIT 1
D
L
D
L
D
L
D
LL
D
Q
D
Q
D
Q
D
Q
DD
Q
CP
Q
CP
Q
CP
Q
CP
QQ
CP
2
3
4
5678
17
19
11
18
Current
Setting
SOUT
PGND
RC
Q11
Q3
Q2
Q1
Q0
STB
CLK
SIN
20
VCC
5V
1
DGND
LED
LED
LED
LED
LED
GND LED
5V
GND LED
INPUT
PTXXXX



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com