Electronic Components Datasheet Search
  English  ▼

X  

BC487 Datasheet(PDF) 3 Page - ON Semiconductor

Part # BC487
Description  High Current Transistors NPN Silicon
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC487 Datasheet(HTML) 3 Page - ON Semiconductor

  BC487 Datasheet HTML 1Page - ON Semiconductor BC487 Datasheet HTML 2Page - ON Semiconductor BC487 Datasheet HTML 3Page - ON Semiconductor BC487 Datasheet HTML 4Page - ON Semiconductor BC487 Datasheet HTML 5Page - ON Semiconductor BC487 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
BC487, BC487B
http://onsemi.com
3
Figure 2. Current−Gain − Bandwidth Product
IC, COLLECTOR CURRENT (mA)
200
70
50
30
20
10
7.0
5.0
3.0
2.0
300
200
100
70
50
30
VCE = 2.0 V
TJ = 25°C
Figure 3. Capacitance
VR, REVERSE VOLTAGE (VOLTS)
100
50
20
10
5.0
2.0
1.0
0.5
0.2
0.1
80
60
40
20
10
4.0
TJ = 25°C
Cobo
Cibo
8.0
Figure 4. Switching Time
IC, COLLECTOR CURRENT (mA)
500
50
30
20
10
7.0
5.0
1.0 k
VCC = 40 V
IC/IB = 10
IB1 = IB2
TJ = 25°C
700
500
300
200
100
70
50
30
20
10
ts
tf
tr
td @ VBE(off) = 0.5 V
100
6.0
200
100
70
300
Figure 5. Thermal Response
t, TIME (ms)
1.0
0.01
0.02
0.03
0.05
0.07
0.1
0.2
0.3
0.5
0.7
1.0
2.0
5.0
10
20
50
100
200
500
1.0k
2.0k
5.0k
10k
20k
50k 100k
D = 0.5
0.2
0.1
0.02
0.01
SINGLE PULSE
DUTY CYCLE, D = t1/t2
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1 (SEE AN−469)
TJ(pk) − TC = P(pk) ZqJC(t)
TJ(pk) − TA = P(pk) ZqJA(t)
t1
t2
P(pk)
ZqJC(t) = r(t) • RqJC
ZqJA(t) = r(t) • RqJA
SINGLE PULSE



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com