Electronic Components Datasheet Search
  English  ▼

X  

BC488B Datasheet(PDF) 5 Page - ON Semiconductor

Part # BC488B
Description  High Current Transistors PNP Silicon
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC488B Datasheet(HTML) 5 Page - ON Semiconductor

  BC488B Datasheet HTML 1Page - ON Semiconductor BC488B Datasheet HTML 2Page - ON Semiconductor BC488B Datasheet HTML 3Page - ON Semiconductor BC488B Datasheet HTML 4Page - ON Semiconductor BC488B Datasheet HTML 5Page - ON Semiconductor BC488B Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
BC488B
http://onsemi.com
5
IC, COLLECTOR CURRENT (mA)
Figure 11. “On” Voltages
−1.0
−0.8
−0.6
−0.4
−0.2
0
TJ = 25°C
VBE(on) @ VCE = −1.0 V
VCE(sat) @ IC/IB = 10
−0.5
VBE(sat) @ IC/IB = 10
−1.0 −2.0
−5.0
−10
−20
−50 −100 −200
−500
IB, BASE CURRENT (mA)
Figure 12. Collector Saturation Region
−1.0
−0.8
−0.6
−0.4
−0.2
0
−0.1
−10
−1.0
TJ = 25°C
IC = −10 mA
−0.05
−0.2
−0.5
−2.0
−5.0
−20
−50
−100 mA
−250 mA −500 mA
IC, COLLECTOR CURRENT (mA)
Figure 13. Base−Emitter Temperature Coefficient
−0.8
−2.8
−1.0
−100
−10
RqVB for VBE
−0.5
−2.0
−5.0
−20
−50
−200
−1.2
−1.6
−2.0
−2.4
−500
−50
mA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com