Electronic Components Datasheet Search
  English  ▼

X  

BC549B Datasheet(PDF) 2 Page - ON Semiconductor

Part # BC549B
Description  Low Noise Transistors NPN Silicon
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC549B Datasheet(HTML) 2 Page - ON Semiconductor

  BC549B Datasheet HTML 1Page - ON Semiconductor BC549B Datasheet HTML 2Page - ON Semiconductor BC549B Datasheet HTML 3Page - ON Semiconductor BC549B Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BC549B,C BC550B,C
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted) (Continued)
Characteristic
Symbol
Min
Typ
Max
Unit
ON CHARACTERISTICS
DC Current Gain
(IC = 10 µAdc, VCE = 5.0 Vdc)
BC549B/550B
BC549C/550C
(IC = 2.0 mAdc, VCE = 5.0 Vdc)
BC549B/550B
BC549C/550C
hFE
100
100
200
420
150
270
290
500
—
—
450
800
—
Collector–Emitter Saturation Voltage
(IC = 10 mAdc, IB = 0.5 mAdc)
(IC = 10 mAdc, IB = see note 1)
(IC = 100 mAdc, IB = 5.0 mAdc, see note 2)
VCE(sat)
—
—
—
0.075
0.3
0.25
0.25
0.6
0.6
Vdc
Base–Emitter Saturation Voltage
(IC = 100 mAdc, IB = 5.0 mAdc)
VBE(sat)
—
1.1
—
Vdc
Base–Emitter On Voltage
(IC = 10 µAdc, VCE = 5.0 Vdc)
(IC = 100 µAdc, VCE = 5.0 Vdc)
(IC = 2.0 mAdc, VCE = 5.0 Vdc)
VBE(on)
—
—
0.55
0.52
0.55
0.62
—
—
0.7
Vdc
SMALL–SIGNAL CHARACTERISTICS
Current–Gain — Bandwidth Product
(IC = 10 mAdc, VCE = 5.0 Vdc, f = 100 MHz)
fT
—
250
—
MHz
Collector–Base Capacitance
(VCB = 10 Vdc, IE = 0, f = 1.0 MHz)
Ccbo
—
2.5
—
pF
Small–Signal Current Gain
(IC = 2.0 mAdc, VCE = 5.0 V, f = 1.0 kHz)
BC549B/BC550B
BC549C/BC550C
hfe
240
450
330
600
500
900
—
Noise Figure
(IC = 200 µAdc, VCE = 5.0 Vdc, RS = 2.0 kΩ, f = 1.0 kHz)
(IC = 200 µAdc, VCE = 5.0 Vdc, RS = 100 kΩ, f = 1.0 kHz)
NF1
NF2
—
—
0.6
—
2.5
10
dB
NOTES:
1. IB is value for which IC = 11 mA at VCE = 1.0 V.
2. Pulse test = 300
µs – Duty cycle = 2%.
RS
in
en
IDEAL
TRANSISTOR
Figure 1. Transistor Noise Model



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com