Electronic Components Datasheet Search
  English  ▼

X  

BC549CG Datasheet(PDF) 2 Page - ON Semiconductor

Part # BC549CG
Description  Low Noise Transistors NPN Silicon
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC549CG Datasheet(HTML) 2 Page - ON Semiconductor

  BC549CG Datasheet HTML 1Page - ON Semiconductor BC549CG Datasheet HTML 2Page - ON Semiconductor BC549CG Datasheet HTML 3Page - ON Semiconductor BC549CG Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BC549C, BC550C
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector − Emitter Breakdown Voltage
(IC = 10 mAdc, IB = 0)
V(BR)CEO
45
−
−
Vdc
Collector − Base Breakdown Voltage
(IC = 10 mAdc, IE = 0)
V(BR)CBO
50
−
−
Vdc
Emitter − Base Breakdown Voltage
(IE = 10 mAdc, IC = 0)
V(BR)EBO
5.0
−
−
Vdc
Collector Cutoff Current
(VCB = 30 V, IE = 0)
(VCB = 30 V, IE = 0, TA = +125°C)
ICBO
−
−
−
−
15
5.0
nAdc
mAdc
Emitter Cutoff Current
(VEB = 4.0 Vdc, IC = 0)
IEBO
−
−
15
nAdc
ON CHARACTERISTICS
DC Current Gain
(IC = 10 mAdc, VCE = 5.0 Vdc)
(IC = 2.0 mAdc, VCE = 5.0 Vdc)
hFE
100
420
270
500
−
800
−
Collector − Emitter Saturation Voltage
(IC = 10 mAdc, IB = 0.5 mAdc)
(IC = 10 mAdc, IB = see note 1)
(IC = 100 mAdc, IB = 5.0 mAdc, see note 2)
VCE(sat)
−
−
−
0.075
0.3
0.25
0.25
0.6
0.6
Vdc
Base−Emitter Saturation Voltage
(IC = 100 mAdc, IB = 5.0 mAdc)
VBE(sat)
−
1.1
−
Vdc
Base−Emitter On Voltage
(IC = 10 mAdc, VCE = 5.0 Vdc)
(IC = 100 mAdc, VCE = 5.0 Vdc)
(IC = 2.0 mAdc, VCE = 5.0 Vdc)
VBE(on)
−
−
0.55
0.52
0.55
0.62
−
−
0.7
Vdc
SMALL−SIGNAL CHARACTERISTICS
Current − Gain — Bandwidth Product
(IC = 10 mAdc, VCE = 5.0 Vdc, f = 100 MHz)
fT
−
250
−
MHz
Collector−Base Capacitance
(VCB = 10 Vdc, IE = 0, f = 1.0 MHz)
Ccbo
−
2.5
−
pF
Small−Signal Current Gain
(IC = 2.0 mAdc, VCE = 5.0 V, f = 1.0 kHz)
hfe
450
600
900
−
Noise Figure
(IC = 200 mAdc, VCE = 5.0 Vdc, RS = 2.0 kW, f = 1.0 kHz)
(IC = 200 mAdc, VCE = 5.0 Vdc, RS = 100 kW, f = 1.0 kHz)
NF1
NF2
−
−
0.6
−
2.5
10
dB
1. IB is value for which IC = 11 mA at VCE = 1.0 V.
2. Pulse test = 300
ms − Duty cycle = 2%.
RS
in
en
IDEAL
TRANSISTOR
Figure 1. Transistor Noise Model



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com