Electronic Components Datasheet Search
  English  ▼

X  

PT6958 Datasheet(PDF) 3 Page - Princeton Technology Corp

Part # PT6958
Description  LED Driver IC???
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT6958 Datasheet(HTML) 3 Page - Princeton Technology Corp

  PT6958 Datasheet HTML 1Page - Princeton Technology Corp PT6958 Datasheet HTML 2Page - Princeton Technology Corp PT6958 Datasheet HTML 3Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Princeton Technology Corp.
LED Driver IC
PT6958
PT6958 v1.1
3
Updated Nov. 2000
Tel : 886-2-29162151
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
OSC
DOUT
DIN
CLK
STB
K1
K2
K3
K4
VDD
SG1/KS1
SG2/KS2
SG3/KS3
SG4/KS4
GND
GR1
GR2
GR3
GR4
GR5
GND
VDD
SG10
SG9
SG8
SG7
SG6/KS6
SG5/KS5
DIGIT1
DIGIT2
DIGIT3
DIGIT4
SEG1
SEG2
SEG3
SEG4
SEG5
SEG6
SEG7
SEG8
SEG9
SEG10
+5V
+5V
MCU
+5V
S1
S1
S9
S5
S2
S2
S10
S6
S3
S3
S7
S4
S4
S8
G1
G1
G2
G2
G3
G3
G4
G4
S10
S9
S8
S7
S6
S5
51K
APPLICATION CIRCUIT



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com