Electronic Components Datasheet Search
  English  ▼

X  

BD136 Datasheet(PDF) 1 Page - ON Semiconductor

Part # BD136
Description  Plastic Medium Power Silicon PNP Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BD136 Datasheet(HTML) 1 Page - ON Semiconductor

  BD136 Datasheet HTML 1Page - ON Semiconductor BD136 Datasheet HTML 2Page - ON Semiconductor BD136 Datasheet HTML 3Page - ON Semiconductor BD136 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2005
April, 2005 − Rev. 12
1
Publication Order Number:
BD136/D
BD136, BD138, BD140
Plastic Medium Power
Silicon PNP Transistor
This series of plastic, medium−power silicon PNP transistors are
designed for use as audio amplifiers and drivers utilizing
complementary or quasi complementary circuits.
Features
• Pb−Free Packages are Available*
• DC Current Gain − h
FE = 40 (Min) @ IC = 0.15 Adc
• BD 136, 138, 140 are complementary with BD 135, 137, 139
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector−Emitter Voltage
BD136
BD138
BD140
VCEO
45
60
80
Vdc
Collector−Base Voltage
BD136
BD138
BD140
VCBO
45
60
100
Vdc
Emitter−Base Voltage
VEBO
5.0
Vdc
Collector Current
IC
1.5
Adc
Base Current
IB
0.5
Adc
Total Device Dissipation @ TA = 25°C
Derate above 25
°C
PD
1.25
10
Watts
mW/
°C
Total Device Dissipation @ TC = 25°C
Derate above 25
°C
PD
12.5
100
Watts
mW/
°C
Operating and Storage Junction
Temperature Range
TJ, Tstg
– 55 to
+ 150
°C
Maximum ratings are those values beyond which device damage can oc-
cur. Maximum ratings applied to the device are individual stress limit values
(not normal operating conditions) and are not valid simultaneously. If these
limits are exceeded, device functional operation is not implied, damage
may occur and reliability may be affected.
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance,
Junction−to−Case
qJC
10
°C/W
Thermal Resistance,
Junction−to−Ambient
qJA
100
°C/W
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
http://onsemi.com
Device
Package
Shipping†
BD136
TO−225AA
500 Units/Box
1.5 A POWER TRANSISTORS
PNP SILICON
45, 60, 80 V, 12.5 W
xx
= 36, 38, 40
Y
= Year
WW
= Work Week
BD138
TO−225AA
500 Units/Box
BD140
TO−225AA
500 Units/Box
TO−225AA
CASE 77
STYLE 1
MARKING DIAGRAM
YWW
BD1xx
3
2 1
BD136G
TO−225AA
(Pb−Free)
500 Units/Box
ORDERING INFORMATION
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
BD138G
TO−225AA
(Pb−Free)
500 Units/Box
BD140G
TO−225AA
(Pb−Free)
500 Units/Box


Similar Part No. - BD136

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BD136 MOTOROLA-BD136 Datasheet
104Kb / 4P
Plastic Medium Power Silicon PNP Transistor
logo
NXP Semiconductors
BD136 PHILIPS-BD136 Datasheet
44Kb / 8P
PNP power transistors
1999 Apr 12
logo
STMicroelectronics
BD136 STMICROELECTRONICS-BD136 Datasheet
44Kb / 4P
PNP SILICON TRANSISTORS
Jun-1997
logo
Siemens Semiconductor G...
BD136 SIEMENS-BD136 Datasheet
188Kb / 5P
PNP SILICON TRANSISTORS
logo
Fairchild Semiconductor
BD136 FAIRCHILD-BD136 Datasheet
41Kb / 4P
Medium Power Linear and Switching Applications
More results

Similar Description - BD136

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BD136 MOTOROLA-BD136 Datasheet
104Kb / 4P
Plastic Medium Power Silicon PNP Transistor
BD180 MOTOROLA-BD180 Datasheet
105Kb / 4P
Plastic Medium Power Silicon PNP Transistor
BD186 MOTOROLA-BD186 Datasheet
103Kb / 2P
PLASTIC MEDIUM POWER SILICON PNP TRANSISTOR
logo
ON Semiconductor
BD180 ONSEMI-BD180 Datasheet
68Kb / 4P
Plastic Medium Power Silicon PNP Transistor
February, 2006 ??Rev. 11
MJE350 ONSEMI-MJE350 Datasheet
139Kb / 3P
Plastic Medium Power PNP Silicon Transistor
January, 2007 ??Rev. 14
BD436 ONSEMI-BD436 Datasheet
64Kb / 4P
Plastic Medium Power Silicon PNP Transistor
December, 2005 ??Rev. 14
logo
New Jersey Semi-Conduct...
2N4918 NJSEMI-2N4918 Datasheet
136Kb / 1P
MEDIUM-POWER PLASTIC PNP SILICON TRANSISTOR
MJE350 NJSEMI-MJE350 Datasheet
72Kb / 2P
Plastic Medium Power PNP Silicon Transistor
logo
ON Semiconductor
BD436G ONSEMI-BD436G Datasheet
84Kb / 4P
Plastic Medium Power Silicon PNP Transistor
December, 2013 ??Rev. 16
MJE350G ONSEMI-MJE350G Datasheet
102Kb / 3P
Plastic Medium-Power PNP Silicon Transistor
December, 2013 ??Rev. 17
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com