Electronic Components Datasheet Search
  English  ▼

X  

XF0601P Datasheet(PDF) 1 Page - E-SWITCH

Part # XF0601P
Description  L16PLR10JREDRED
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

XF0601P Datasheet(HTML) 1 Page - E-SWITCH

  XF0601P Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
L16PLR10JREDRED
1.5:1
8/17/04
XF0601P
A
AR
1
1
1
1
F040003
L16PL10 BODY
2
1
F050117
50-001-14 RED FLAT TRANSPARENT LENS
3
1
F050420
50-004-20 RED 12V LAMP
PARTS LIST
ITEM
QTY
PART NUMBER
DESCRIPTION
RECOMMENDED PANEL MOUNTING
2
1
3
n18.00
[.709 in]
A
14240
RELEASED FOR PRODUCTION
8/17/04
AR
NOTE:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=±0.4
X.XX=±0.25
3. TERMINAL NUMBERS FOR REF ONLY
4. OPERATING TEMP: -25
~C to +55~C
5. STORAGE TEMP: -40
~C TO +85~C
6. LAMP VOLTAGE: 12VDC LED
7.
DENOTES CRITICAL PARAMETER.
7.20
[.283 in]
27.00 `.50
1.063 `.020 in
[
]
7.90
[.311 in]
n14.70
[.579 in]
10.80
[.425 in]
.50
[.020 in]
L
b(+)
a
CIRCUIT
18.00 MIN
[.709 in]
18.00 MIN
[.709 in]
16.00
n
- .00
.30
+
.630 - .000
.012
+
in
[
]


Similar Part No. - XF0601P

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
XF0602P E-SWITCH-XF0602P Datasheet
201Kb / 1P
L16PLR10JGRNGRN
logo
XFMRS Inc.
XF0603-CS6 XFMRS-XF0603-CS6 Datasheet
70Kb / 1P
Current Sense
XF0603-CS6 XFMRS-XF0603-CS6 Datasheet
55Kb / 1P
Current Sense
XF0603-CS6 XFMRS-XF0603-CS6_15 Datasheet
55Kb / 1P
CURRENT SENSE
logo
E-SWITCH
XF0604P E-SWITCH-XF0604P Datasheet
207Kb / 1P
L16PLT10CGRN
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com