Electronic Components Datasheet Search
  English  ▼

X  

41901 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 41901
Description  Rast 5 Power Relay 419 01 2 pole 16 A, DC- and AC-coil
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

41901 Datasheet(HTML) 2 Page - Tyco Electronics

  41901 Datasheet HTML 1Page - Tyco Electronics 41901 Datasheet HTML 2Page - Tyco Electronics 41901 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Insulation
Dielectric strength
coil-contacts
4000 Vrms
open contact circuit
2000 Vrms
Clearance / creepage
8 / 8 mm
Insulation to IEC 60664
Voltage rating
250 V
Pollution degree
3
Overvoltage category
III
Insulation to VDE 0110b (2/79)
Insulation category / reference voltage
C / 380
Tracking resistance of relay base
CTI 600M
Rast 5 Power Relay 419 01
2 pole 16 A, DC- and AC-coil
Other data
Ambient temperature
-20...+90 °C
Mechanical life
>2x106 operations
Max. switching rate at rated- / minimum load
15 min-1 / 600 min-1
Operate- / release time
typ. 15 / 15 ms
Bounce time
typ. 4 ms
Vibration resistance
2 g, 5...500 Hz
Shock resistance (destruction)
80 g
Category of protection (IEC 61810)
RT I - dust protected
Relay weight
90 g
Packaging unit
42 pcs.
Terminal assignment
Snap-on mount / Dimensions
Dimensions in mm
S0447-AA



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com