Electronic Components Datasheet Search
  English  ▼

X  

2122D4MB Datasheet(PDF) 1 Page - Tyco Electronics

Part # 2122D4MB
Description  Miniature Electropneumatic Timing Relay
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

2122D4MB Datasheet(HTML) 1 Page - Tyco Electronics

  2122D4MB Datasheet HTML 1Page - Tyco Electronics 2122D4MB Datasheet HTML 2Page - Tyco Electronics 2122D4MB Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1254
AGASTAT
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Catalog 1308242
Issued 3-03
Specifications and availability
subject to change.
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
2100 series
Miniature Electropneumatic
Timing Relay
Users should thoroughly review the technical data before selecting a product
part number. It is recommended that users also seek out the pertinent
approvals files of the agencies/laboratories and review them to ensure the
product meets the requirements for a given application.
Design Features
• High Repeat Accuracy over voltage and temperature extremes
• Hermetically sealed units are designed for high shock and vibration
applications
• Instant recycling – easy linear adjustment
• Exclusive Dial Head adjustment – no needle valves
• Delay ranges from milliseconds to 3 minutes
• DPDT contacts
Design & Construction
Sealed patented timing head circulates air under controlled pressure
through a variable orifice to provide adjustable timing. Circular-path Dial
Head principle replaces traditional needle valve.
Snap-action switch assembly provides sustained contact pressure during
timing cycles. Specially designed over center mechanism assures flutter-
free load transfer after extended delay periods.
Precision-wound solenoid assembly supplies the basic motive force
when the control circuit is closed.
These assemblies are mounted in a rigid self-supporting framework within
a steel enclosure. This rugged construction assures permanent alignment
of all operating members, the key to this unit's long trouble-free operation.
Operation
Series 2112 (On-Delay) - Applying rated voltage to the
solenoid coil starts the preset time delay. At the end of the
delay period the NC contacts break and the NO contacts
make. Contacts remain in this position until the coil is de-
energized, when the switch instantaneously returns to its
original position. De-energizing the coil, either during or
after the delay period, will immediately (within 25 msec.) re-
cycle the unit. It will then provide another full delay period
on re-energization.
Series 2122 (Off-Delay) - Applying rated voltage to the
coil for at least 75 msec. (for accurate timing) will instanta-
neously transfer the switch, breaking the NC contacts and
making the NO contacts. Contacts remain in this position
as long as the coil is energized. The preset time delay
period begins as soon as the coil is de-energized, at the
end of which the switch returns to its original position.
No power is required during the timing period. Re-
energizing the coil, either during or after the delay period,
will immediately start a new cycle with full delay period.
Repeat Accuracy: NORMAL VERTICAL POSITION
+5% at 25°C; +7% at 85°C; +8% at -55°C.
The average time between -55°C and 85°C will be within +20% of the
average @ 25°C with a proportionally reduced effect at lesser extremes.
In extremely short delay settings an additional 8 msec. variation may result
on AC models due to "half cycle" alternating current effect.
Setting Tolerance: Factory time setting, when specified, subject to addition-
al +5% tolerance.
Position Sensitivity:
HORIZONTAL POSITION: Approximately 5% increase from the initial time in
the vertical position.
INVERTED POSITION: Approximately 10% increase from the initial time in
the vertical position.
Reset Time: 2112 Series: 25 msec.; 2122 Series: 75 msec.
Relay Release Time: 25 msec. (2112 Series)
Relay Operate Time: 75 msec. (2122 Series)
Operating Voltage: Coil Data
Nominal Resistance
Nominal
Resistance
Operating
Ohms
Operating
Ohms
Code
Voltage
±10%
Code
Voltage
±10%
M
12VDC
30
S
120V 60 Hz
190 (2112 Series)
N
28VDC
131
S
120V 60Hz
285 (2122 Series)
P
48VDC
500
T
240V 60Hz
765
R
110VDC
3200
U
115V 400Hz
2600
Y
125VDC
3380
Transients: Insensitive to transients of +1500 VAC for 10 milliseconds
Dielectric: 1000V RMS @ 60Hz between non-connected terminals.
Contact Rating (DPDT Contacts):
30V
110V
120V
120V
240V
DC
DC
60Hz
400Hz
60Hz
Inductive (Amps)
2
.75
3
2
1.5
Resistive (Amps)
10
1
10
10
5
Based on 100,000 operations electrical, 1,000,000 mechanical. Inductive and
capacitive load should not have inrush currents that exceed five times normal
operating load.
Ambient Temperature Range: -55°C to +85°C
Weight: Maximum, any unit - 17 ozs.
Mounting/Terminals: Chassis mounting tabs, octal plugs and external (-4)
or internal (-5) adjustment. Panel mounting back plate, internal adjustment,
and solder hook terminals (-9).
Operation (Listed values at nom. voltage, 25°C unless noted).
Operating Mode:
2112: On-delay (delay on pull-in); 2122: Off-delay (delay on drop-out)
Timing Adjustment: All standard models offer easy linear adjustment over
one of nine timing ranges listed below. For applications requiring frequent
readjustment, the external knob model with calibrated dial is recommended.
For tamper-proof installation or where readjustment is infrequent, the internal
key model may be preferred. This model requires removal of the cover plate
for timing adjustment. Hermetically sealed models provide a slotted
adjusting screw under the cap nut on the top cover.
Timing Ranges:
Code
Range
Code
Range
A
.03 to .1 sec.
G
2.0 to 60.0 sec.
B
.1 to .3 sec.
H
5.0 to 120.0 sec.
C
.15 to 1.0 sec.
J
5.0 to 180.0 sec.
D
.375 to 3.0 sec.
K
1.5 to 30.0 cycles
E
.75 to 10.0 sec.
L
3.0 to 120.0 cycles
F
1.0 to 30.0 sec.
--4
--5
--9
These are minimum standards; where more severe environmental
conditions must be met, please consult the factory.


Similar Part No. - 2122D4MB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2122 ETC2-2122 Datasheet
311Kb / 1P
MALE/FEMALE THREADED STANDOFFS
2122 ETC2-2122 Datasheet
110Kb / 2P
HEX MALE/FEMALE STANDOFFS
logo
Keystone Electronics Co...
2122 KEYSTONE-2122 Datasheet
310Kb / 1P
MALE/FEMALE THREADED STANDOFFS
logo
Mascot AS
2122 MASCOT-2122 Datasheet
1Mb / 1P
Mounting brackets
20062008
logo
RAF ELECTRONIC HARDWARE
2122-632-AL RAF-2122-632-AL Datasheet
96Kb / 1P
1/4 HEX FEMALE STANDOFFS
More results

Similar Description - 2122D4MB

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
7012ADGZ MACOM-7012ADGZ Datasheet
366Kb / 6P
Industrial Electropneumatic Timing Relay
2-1423157-0 MACOM-2-1423157-0 Datasheet
366Kb / 6P
Industrial Electropneumatic Timing Relay
2-1423157-4 MACOM-2-1423157-4 Datasheet
366Kb / 6P
Industrial Electropneumatic Timing Relay
2-1423159-3 MACOM-2-1423159-3 Datasheet
366Kb / 6P
Industrial Electropneumatic Timing Relay
2-1423159-4 MACOM-2-1423159-4 Datasheet
366Kb / 6P
Industrial Electropneumatic Timing Relay
2-1423159-9 MACOM-2-1423159-9 Datasheet
366Kb / 6P
Industrial Electropneumatic Timing Relay
2-1423162-1 MACOM-2-1423162-1 Datasheet
366Kb / 6P
Industrial Electropneumatic Timing Relay
2-1423162-4 MACOM-2-1423162-4 Datasheet
366Kb / 6P
Industrial Electropneumatic Timing Relay
2-1423164-0 MACOM-2-1423164-0 Datasheet
366Kb / 6P
Industrial Electropneumatic Timing Relay
2-1423164-7 MACOM-2-1423164-7 Datasheet
366Kb / 6P
Industrial Electropneumatic Timing Relay
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com