Electronic Components Datasheet Search
  English  ▼

X  

56F807E Datasheet(PDF) 49 Page - Freescale Semiconductor, Inc

Part # 56F807E
Description  16-bit Digital Signal Controllers
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F807E Datasheet(HTML) 49 Page - Freescale Semiconductor, Inc

Back Button 56F807E Datasheet HTML 45Page - Freescale Semiconductor, Inc 56F807E Datasheet HTML 46Page - Freescale Semiconductor, Inc 56F807E Datasheet HTML 47Page - Freescale Semiconductor, Inc 56F807E Datasheet HTML 48Page - Freescale Semiconductor, Inc 56F807E Datasheet HTML 49Page - Freescale Semiconductor, Inc 56F807E Datasheet HTML 50Page - Freescale Semiconductor, Inc 56F807E Datasheet HTML 51Page - Freescale Semiconductor, Inc 56F807E Datasheet HTML 52Page - Freescale Semiconductor, Inc 56F807E Datasheet HTML 53Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 60 page
background image
Package and Pin-Out Information 56F807
56F807 Technical Data Technical Data, Rev. 16
Freescale Semiconductor
49
Figure 4-2 160-pin LQFP Mechanical Information
Please see www.freescale.com for the most current case outline.
CASE 1259-01
ISSUE O
DIM
MIN
MAX
MILLIMETERS
A
---
1.60
A1
0.05
0.15
A2
1.35
1.45
b
0.17
0.27
b1
0.17
0.23
c
0.09
0.20
c1
0.09
0.16
D
26.00 BSC
D1
24.00 BSC
e
0.50 BSC
E
26.00 BSC
E1
24.00 BSC
L
0.45
0.75
L1
1.00 REF
R1
0.08
---
R2
0.08
0.20
S
0.20
---
θ
0
7
1
0
---
2
11
13
3
11
13
0.25
6
θ
θ
θ
°°
°°
°°
°
NOTES:
1.
DIMENSIONS ARE IN MILLIMETERS.
2.
INTERPRET DIMENSIONS AND TOLERANCES
PER ASME Y14.5M, 1994.
3.
DATUMS A, B, AND D TO BE DETERMINED
WHERE THE LEADS EXIT THE PLASTIC BODY
AT DATUM PLANE H.
4.
DIMENSIONS D1 AND E1 DO NOT INCLUDE
MOLD PROTRUSION. ALLOWABLE
PROTRUSION IS 0.25mm PER SIDE.
DIMENSIONS D1 AND E1 ARE MAXIMUM
PLASTIC BODY SIZE DIMENSIONS
INCLUDING MOLD MISMATCH.
5.
DIMENSION b DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE DAMBAR
PROTRUSION SHALL NOT CAUSE THE LEAD
WIDTH TO EXCEED THE MAXIMUM b
DIMENSION BY MORE THAN 0.08mm.
DAMBAR CAN NOT BE LOCATED ON THE
LOWER RADIUS OR THE FOOT. MINIMUM
SPACE BETWEEN A PROTRUSION AND AN
ADJACENT LEAD IS 0.07mm.
6.
EXACT SHAPE OF CORNERS MAY VARY.
D
D
GG
D
2
D1
2
D1
A-B
0.20
D
H
A-B
M
0.08
D
C
4X
A-B
0.20
D
C
160X
0.08 C
C
SEATING
PLANE
156X
e
4X
e/2
160X
e
DETAIL F
θ
θ2
θ1
θ3
S
L
(L1)
R1
R2
H
GAGE
PLANE
DETAIL F
(b)
b
SECTION G-G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com