Electronic Components Datasheet Search
  English  ▼

X  

4N32 Datasheet(PDF) 5 Page - QT Optoelectronics

Part # 4N32
Description  GENERAL PURPOSE 6-PIN PHOTODARLINGTON OPTOCOUPLERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QT [QT Optoelectronics]
Direct Link  http://www.fairchildsemi.com/
Logo QT - QT Optoelectronics

4N32 Datasheet(HTML) 5 Page - QT Optoelectronics

  4N32 Datasheet HTML 1Page - QT Optoelectronics 4N32 Datasheet HTML 2Page - QT Optoelectronics 4N32 Datasheet HTML 3Page - QT Optoelectronics 4N32 Datasheet HTML 4Page - QT Optoelectronics 4N32 Datasheet HTML 5Page - QT Optoelectronics 4N32 Datasheet HTML 6Page - QT Optoelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
GENERAL PURPOSE 6-PIN
PHOTODARLINGTON OPTOCOUPLERS
4/25/00
200038B
4N29
4N30
4N31
4N32
4N33
Lead Coplanarity : 0.004 (0.10) MAX
0.270 (6.86)
0.240 (6.10)
0.350 (8.89)
0.330 (8.38)
0.300 (7.62)
TYP
0.405 (10.30)
MAX
0.315 (8.00)
MIN
0.016 (0.40) MIN
2
5
PIN 1
ID.
0.016 (0.41)
0.008 (0.20)
0.100 (2.54)
TYP
0.022 (0.56)
0.016 (0.41)
0.070 (1.78)
0.045 (1.14)
0.200 (5.08)
0.165 (4.18)
4
3
0.020 (0.51)
MIN
1
6
0.100 (2.54)
TYP
0.020 (0.51)
MIN
0.350 (8.89)
0.330 (8.38)
0.270 (6.86)
0.240 (6.10)
PIN 1
ID.
0.022 (0.56)
0.016 (0.41)
0.070 (1.78)
0.045 (1.14)
0.200 (5.08)
0.115 (2.92)
0.300 (7.62)
TYP
0° to 15°
0.154 (3.90)
0.100 (2.54)
0.016 (0.40)
0.008 (0.20)
0.016 (0.40)
0.008 (0.20)
0.070 (1.78)
0.045 (1.14)
0.350 (8.89)
0.330 (8.38)
0.154 (3.90)
0.100 (2.54)
0.200 (5.08)
0.115 (2.92)
0.004 (0.10)
MIN
0.270 (6.86)
0.240 (6.10)
0.400 (10.16)
TYP
0° to 15°
0.022 (0.56)
0.016 (0.41)
0.100 (2.54) TYP
NOTE
All dimensions are in inches (millimeters)
Call QT Optoelectronics for more information or the phone number of your nearest distributor.
United States 800-533-6786 • France 33 [0] 1.45.18.78.78 • Germany 49 [0] 89/96.30.51 • United Kingdom 44 [0] 1296 394499 • Asia/Pacific 603-7248193
www.qtopto.com
0.070 (1.78)
0.060 (1.52)
0.030 (0.76)
0.100 (2.54)
0.295 (7.49)
0.415 (10.54)
Package Dimensions (Surface Mount)
Package Dimensions (Through Hole)
Package Dimensions (0.4”Lead Spacing)
Recommended Pad Layout for
Surface Mount Leadform



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com