Electronic Components Datasheet Search
  English  ▼

X  

4N40 Datasheet(PDF) 1 Page - QT Optoelectronics

Part # 4N40
Description  PHOTO SCR OPTOCOUPLERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QT [QT Optoelectronics]
Direct Link  http://www.fairchildsemi.com/
Logo QT - QT Optoelectronics

4N40 Datasheet(HTML) 1 Page - QT Optoelectronics

  4N40 Datasheet HTML 1Page - QT Optoelectronics 4N40 Datasheet HTML 2Page - QT Optoelectronics 4N40 Datasheet HTML 3Page - QT Optoelectronics 4N40 Datasheet HTML 4Page - QT Optoelectronics 4N40 Datasheet HTML 5Page - QT Optoelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image


Similar Part No. - 4N40

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
4N40 FAIRCHILD-4N40 Datasheet
171Kb / 8P
PHOTO SCR OPTOCOUPLERS
logo
New Jersey Semi-Conduct...
4N40 NJSEMI-4N40 Datasheet
129Kb / 1P
Optically Coupled SCR Isolators
logo
Unisonic Technologies
4N40 UTC-4N40 Datasheet
153Kb / 3P
4A, 400V N-CHANNEL POWER MOSFET
logo
Inchange Semiconductor ...
4N40 ISC-4N40 Datasheet
67Kb / 2P
Fast Switching
logo
New Jersey Semi-Conduct...
4N40 NJSEMI-4N40 Datasheet
44Kb / 1P
Photo SCR
More results

Similar Description - 4N40

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
H11C1 QT-H11C1 Datasheet
415Kb / 5P
photo scr optocouplers
logo
Fairchild Semiconductor
4N39 FAIRCHILD-4N39 Datasheet
171Kb / 8P
PHOTO SCR OPTOCOUPLERS
H11C1 FAIRCHILD-H11C1 Datasheet
589Kb / 11P
PHOTO SCR OPTOCOUPLERS
H11F1 FAIRCHILD-H11F1 Datasheet
403Kb / 9P
PHOTO FET OPTOCOUPLERS
logo
Microsemi Corporation
MXP1017 MICROSEMI-MXP1017 Datasheet
38Kb / 1P
Photo SCR
logo
Fairchild Semiconductor
H11F1 FAIRCHILD-H11F1_03 Datasheet
553Kb / 10P
PHOTO FET OPTOCOUPLERS
H11F3SD FAIRCHILD-H11F3SD Datasheet
547Kb / 10P
PHOTO FET OPTOCOUPLERS
H11F3SM FAIRCHILD-H11F3SM Datasheet
2Mb / 11P
Photo FET Optocouplers
logo
New Jersey Semi-Conduct...
H11C1 NJSEMI-H11C1 Datasheet
44Kb / 1P
Photo SCR
logo
ON Semiconductor
H11F1M ONSEMI-H11F1M Datasheet
338Kb / 10P
Photo FET Optocouplers
September, 2022 - Rev. 3
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com