Electronic Components Datasheet Search
  English  ▼

X  

HCPL-2530 Datasheet(PDF) 3 Page - QT Optoelectronics

Part # HCPL-2530
Description  HIGH SPEED TRANSISTOR OPTOCOUPLERS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QT [QT Optoelectronics]
Direct Link  http://www.fairchildsemi.com/
Logo QT - QT Optoelectronics

HCPL-2530 Datasheet(HTML) 3 Page - QT Optoelectronics

  HCPL-2530 Datasheet HTML 1Page - QT Optoelectronics HCPL-2530 Datasheet HTML 2Page - QT Optoelectronics HCPL-2530 Datasheet HTML 3Page - QT Optoelectronics HCPL-2530 Datasheet HTML 4Page - QT Optoelectronics HCPL-2530 Datasheet HTML 5Page - QT Optoelectronics HCPL-2530 Datasheet HTML 6Page - QT Optoelectronics HCPL-2530 Datasheet HTML 7Page - QT Optoelectronics HCPL-2530 Datasheet HTML 8Page - QT Optoelectronics HCPL-2530 Datasheet HTML 9Page - QT Optoelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Parameter
Test Conditions
Symbol
Device
Min
Typ**
Max
Unit
COUPLED
6N135
718
50
%
(IF = 16 mA, VO = 0.4 V)
HCPL-2530
(VCC = 4.5 V, TA =25°C)
6N136
HCPL-4502
19
27
50
%
HCPL-2531
Current transfer ratio
CTR
HCPL-2503
12
27
%
(Note 5)
6N135
521
%
HCPL-2530
(IF = 16 mA, VO = 0.5 V)
6N136
(VCC = 4.5 V)
HCPL-4502
15
30
%
HCPL-2531
HCPL-2503
9
30
%
(IF = 16 mA, IO = 1.1 mA)
6N135
0.18
0.4
(VCC = 4.5 V, TA =25°C)
HCPL-2530
0.18
0.5
6N136
(IF = 16 mA, IO = 3 mA)
HCPL-4502
0.25
0.4
(VCC = 4.5 V, TA =25°C)
HCPL-2503
Logic low output voltage
VOL
HCPL-2531
0.25
0.5
V
output voltage
(IF = 16 mA, IO = 0.8 mA)
6N135
0.5
(VCC = 4.5 V)
HCPL-2530
6N136
(IF = 16 mA, IO = 2.4 mA)
HCPL-4502
0.5
(VCC = 4.5 V)
HCPL-2503
HCPL-2531
200004A
TRANSFER CHARACTERISTICS (TA = 0 to 70°C Unless otherwise specified)
HIGH SPEED
TRANSISTOR OPTOCOUPLERS
SINGLE-CHANNEL
DUAL-CHANNEL
6N135, 6N136
HCPL-2530
HCPL-2503
HCPL-2531
HCPL-4502
** All typicals at TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com