Electronic Components Datasheet Search
  English  ▼

X  

RM78705 Datasheet(PDF) 2 Page - Tyco Electronics

Part # RM78705
Description  Accessories Power Relay RM
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

RM78705 Datasheet(HTML) 2 Page - Tyco Electronics

  RM78705 Datasheet HTML 1Page - Tyco Electronics RM78705 Datasheet HTML 2Page - Tyco Electronics RM78705 Datasheet HTML 3Page - Tyco Electronics RM78705 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Datasheet
Rev. FG1
Issued 2006/07
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information
only to be used together
with the 'Definitions' at
schrackrelays.com in the
‘Schrack’ section.
Specifications subject to
change.
General Purpose Relays
2
Accessories Power Relay RM (Continued)
Approvals
V REG.-Nr. 5333 ÜG-2 (RM 78 704), REG.-Nr. 4003144 in preparation
Technical data
RM 78 704
RM 78 705
Rated current
16 A
Rated voltage / max.switching voltage AC
380 VAC
250 VAC
Dielectric strength coil-contact circuit
2500 Vrms
open contact circuit
1500 Vrms
adjacent contact circuits
2500 Vrms
Clearance / creepage coil-contact circuit
W 4.0/14.9 mm
Material group of insulation parts
W IIIa
Insulation to IEC 60664-1
Type of insulation coil-contact circuit
basic
open contact circuit
functional
adjacent contact circuits
basic
Rated insulation voltage
250 V
Pollution degree
2
Rated voltage system
230/400 V
Overvoltage category
III
RoHS - Directive 2002/95/EC
RM 78 704
compliant as per product date code 0312
RM 78 705
compliant as per product date code 0522
Degree of protection DIN 40050
IP20
Ambient temperature range
-40...+50°C
-40...+40°C
Terminals
screw
Terminal screw torque acc. IEC 61984
0.8 Nm
max.
1.2 Nm
Wire cross section
single wire
2 x 2.5 mm2
fine wire
2 x 2.5 mm2
with bootlace crimp (DIN 46228/1)
2 x 1.5 mm2
Insertion cycles
A (10)
Max. Insertion Force total
100 N
Mounting distance
0, dense packing
Weight
66 g
Packaging unit
100 pcs
Socket with screw-type terminals
Type
Part Number
RM 78 704
Socket with screw-type terminals
2-1393844-4
RM 78 705
Socket with screw-type terminals
2-1393844-5



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com