Electronic Components Datasheet Search
  English  ▼

X  

MT78613 Datasheet(PDF) 4 Page - Tyco Electronics

Part # MT78613
Description  Accessories Multimode Relay MT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MT78613 Datasheet(HTML) 4 Page - Tyco Electronics

  MT78613 Datasheet HTML 1Page - Tyco Electronics MT78613 Datasheet HTML 2Page - Tyco Electronics MT78613 Datasheet HTML 3Page - Tyco Electronics MT78613 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MT sockets for PCB and with solder terminals MT 78 602/603/612/613
Technical data
MT 78 602/603/612/613
Rated current
10 A
Rated voltage / max.switching voltage AC
240/400 VAC
Dielectric strength coil-contact circuit
2500 Vrms
open contact circuit
1500 Vrms
adjacent contact circuits
2500 Vrms
Clearance / creepage coil-contact circuit
W 2.8/4 mm
Material group of insulation parts
W IIIa
Insulation to IEC 60664-1
Type of insulation coil-contact circuit
basic
open contact circuit
functional
adjacent contact circuits
basic
Rated insulation voltage
250
Pollution degree
2
Rated voltage system
230/400
Overvoltage category
III
RoHS - Directive 2002/95/EC
MT 78 602, MT 78 603
compliant as per product date code 0517
MT 78 612, MT 78 613
compliant as per product date code 0543
Degree of protection DIN 40050
IP20
Ambient temperature range
-40...+70°C
Terminals
pcb, solder teminals
Insertion cycles
A (10)
Max. Insertion Force total
100 N
Mounting distance
0, dense packing
Resistance to soldering heat
270°C / 10 s
Weight
7 g
Packaging unit
25 pcs
Sockets with solder and PCB terminals
Type
Part Number
MT 78 612
Socket 8-pin with solder terminals
7-1415043-1
MT 78 613
Socket 11-pin with solder terminals
8-1415043-1
MT 78 602
Socket 8-pin with PCB terminals
9-1415043-1
MT 78 603
Socket 11-pin with PCB terminals
1415044-1
MT 78 612 Socket 8-pin with solder terminals
MT 78 613 Socket 11-pin with solder terminals
MT 78 602 Socket 8-pin with PCB terminals
MT 78 603 Socket 11-pin with PCB terminals
F0107-A
F0105-A
F0106-A
F0104-A
S0309-AA
S0309-AC
S0309-AD
S0309-AB
4
Accessories Multimode Relay MT (Continued)
General Purpose Relays
Datasheet
Rev. FG1
Issued 2006/07
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information
only to be used together
with the 'Definitions' at
schrackrelays.com in the
‘Schrack’ section.
Specifications subject to
change.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com