Electronic Components Datasheet Search
  English  ▼

X  

RT17016 Datasheet(PDF) 1 Page - Tyco Electronics

Part # RT17016
Description  Accessories Industrial Power Relay RT / RP / SR2M
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

RT17016 Datasheet(HTML) 1 Page - Tyco Electronics

  RT17016 Datasheet HTML 1Page - Tyco Electronics RT17016 Datasheet HTML 2Page - Tyco Electronics RT17016 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Datasheet
Rev. EK1
Issued 2005/11
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information
only to be used together
with the 'Definitions' at
schrackrelays.com in the
‘Schrack’ section.
Specifications subject to
change.
General Purpose Relays
1
1
Accessories Industrial Power Relay RT / RP / SR2M
I For Industrial Power Relay RT / RP / SR2M,
pinnings 3.5mm / 5mm; relay heights 15.7 / 25.5mm
I
I Din-rail socket with logical setup of connections (input/output)
I New retainer clip with ejection function
I Easy replacement of relays on a densely packed DIN rail
I High quality rising clamp terminals
I Captive combination terminal screws
I No reduction of protection class or creepage/clearance with
plastic retainer
I Simple plug-in indicator- and protection modules
I White snap-on marking tags
I
I RoHS compliant (Directive 2002/95/EC)
Socket with screw-type terminals for DIN rail mounting
Approvals
V REG.-Nr. 6106 in preparation, Z E135149
Technical data
RT 78 724 / RT 78 726
Rated current
12 A *)
Rated voltage / max.switching voltage AC
240/400 VAC
Dielectric strength coil-contact circuit
4000 Vrms
open contact circuit
1000 Vrms
adjacent contact circuits
2500 Vrms
Clearance / creepage coil-contact circuit
RT: W 10 / 10 mm; RP, SR2M: W 8 / 8 mm
F0228-B
RT 78 724 Socket with screw-type terminals, pinning 3.5 mm for DIN rail mounting
I
Not suitable for bistable relays with 2 coils!
S0416-AA
F0261-A
F0262-A
S0416-AB
RT 78 726 Socket with screw-type terminals, pinning 5 mm for DIN rail mounting
*) For 1 pole relays (16 A) the relay
terminals 11-21, 12-22 and 14-24 have to
be bridged.
For 1 pole relays (12 A) the relay terminals
11-12-14 have to be connected to the
socket terminals 21-12-24


Similar Part No. - RT17016

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RT17016 MACOM-RT17016 Datasheet
201Kb / 4P
Accessories Industrial Power Relay RT / RP / SR2M
More results

Similar Description - RT17016

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SR2M MACOM-SR2M_09 Datasheet
227Kb / 3P
Safety Relay SR2M
RT114024 MACOM-RT114024_05 Datasheet
211Kb / 3P
Interface Power Relay RT
SR2M MACOM-SR2M_05 Datasheet
174Kb / 3P
Safety Relay SR2M
RT114024 MACOM-RT114024_08 Datasheet
267Kb / 3P
Interface Power Relay RT
RT17016 MACOM-RT17016 Datasheet
201Kb / 4P
Accessories Industrial Power Relay RT / RP / SR2M
2-1393258-0 MACOM-2-1393258-0 Datasheet
612Kb / 3P
Force Guided Relay SR2M
2-1419108-1 MACOM-2-1419108-1 Datasheet
201Kb / 4P
Accessories Industrial Power Relay RT / RP / SR2M
2-1419108-2 MACOM-2-1419108-2 Datasheet
207Kb / 4P
Accessories Industrial Power Relay RT / RP / SR2M
2-1419108-3 MACOM-2-1419108-3 Datasheet
201Kb / 4P
Accessories Industrial Power Relay RT / RP / SR2M
RT17017 MACOM-RT17017 Datasheet
544Kb / 6P
Accessories Industrial Power Relay RT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com