Electronic Components Datasheet Search
  English  ▼

X  

CNW83 Datasheet(PDF) 4 Page - QT Optoelectronics

Part # CNW83
Description  WIDE BODY, HIGH ISOLATION OPTOCOUPLERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QT [QT Optoelectronics]
Direct Link  http://www.fairchildsemi.com/
Logo QT - QT Optoelectronics

CNW83 Datasheet(HTML) 4 Page - QT Optoelectronics

  CNW83 Datasheet HTML 1Page - QT Optoelectronics CNW83 Datasheet HTML 2Page - QT Optoelectronics CNW83 Datasheet HTML 3Page - QT Optoelectronics CNW83 Datasheet HTML 4Page - QT Optoelectronics CNW83 Datasheet HTML 5Page - QT Optoelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
1/18/00
200015A
WIDE BODY, HIGH ISOLATION
OPTOCOUPLERS
CNW82, CNW83, CNW84, CNW85
103
102
10-2
10-1
110
10
IC - COLLECTOR CURRENT (mA)
Fig. 9 Collector-Emitter Saturation Voltage
vs. Collector Current
100 mA
50 mA
IF = 5 mA
25 mA
10 mA
IC - COLLECTOR CURRENT (mA)
60
40
20
0
0.1
1
10
Fig. 10 Rise and Fall Time vs. Collector Current
RL = 5 k !
RL = 1 k !
RL = 100 !
TA = 25˚C
Fig. 8 Collector-Emitter Dark Current
vs. Junction Temperature
105
104
103
102
10
1
25
45
65
85
105
125
10-1
TJ - JUNCTION TEMPERATURE (˚C)
VCE = 50 V
VCE = 5 V
10V
2.0
1.6
1.2
0.8
0.4
0
-50
0
50
100
150
200
TA - AMBIENT TEMPERATURE (˚C)
Fig. 7 Collector Current vs. Ambient Temperature
(for CNW84 and CNW85)
VCE = 0.4 V
VCE = 5 V
IF = 10 mA
NORMALIZED TO
VCE = 0.4 V
TA = 25˚C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com