Electronic Components Datasheet Search
  English  ▼

X  

CAT521 Datasheet(PDF) 1 Page - ON Semiconductor

Part # CAT521
Description  Configured Digitally Programmable Potentiometer (DPP??: Programmable Voltage Applications
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT521 Datasheet(HTML) 1 Page - ON Semiconductor

  CAT521 Datasheet HTML 1Page - ON Semiconductor CAT521 Datasheet HTML 2Page - ON Semiconductor CAT521 Datasheet HTML 3Page - ON Semiconductor CAT521 Datasheet HTML 4Page - ON Semiconductor CAT521 Datasheet HTML 5Page - ON Semiconductor CAT521 Datasheet HTML 6Page - ON Semiconductor CAT521 Datasheet HTML 7Page - ON Semiconductor CAT521 Datasheet HTML 8Page - ON Semiconductor CAT521 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Not Recommended for New Design
CAT521
© 2008 SCILLC. All rights reserved.
1
Doc. No. MD-2003 Rev. I
Characteristics subject to change without notice
Configured Digitally Programmable Potentiometer (DPP™):
Programmable Voltage Applications
FEATURES
8-bit DPP configured as a programmable
voltage source in DAC-like applications
Buffered wiper output
Non-volatile NVRAM memory wiper storage
Output voltage range includes both supply rails
1 LSB accuracy, high resolution
Serial Microwire-like interface
Single supply operation: 2.7V – 5.5V
Setting read-back without effecting outputs
For Ordering Information details, see page 12.
APPLICATIONS
Automated product calibration
Remote control adjustment of equipment
Offset, gain and zero adjustments in self-
calibrating and adaptive control systems
Tamper-proof calibrations
DAC (with memory) substitute
PIN CONFIGURATION
PDIP 14-Lead (L)
SOIC 14-Lead (W)
VDD 1
14 VREFH
CLK 2
13 NC
RDY/BSY
¯¯¯¯ 3
12 VOUT
CS 4
11 NC
DI 5
10 NC
DO 6
8
VREFL
PROG 7
8
GND
CAT521
DESCRIPTION
The CAT521 is a 8-bit digitally-programmable poten-
tiometer (DPP™) configured for programmable voltage
and DAC-like applications. Intended for final calibration
of products such as camcorders, fax machines and
cellular telephones on automated high volume
production lines, it is also well suited for self-calibrating
systems and for applications where equipment which
requires periodic adjustment is either difficult to access
or in a hazardous environment.
The programmable DPP has an output voltage range
which includes both supply rails. The wiper is buffered
by a rail to rail op amp. The wiper setting, stored in
non-volatile NVRAM memory, is not lost when the
device is powered down and is automatically
reinstated when power is returned. The wiper can be
dithered to test new output values without effecting
the stored settings and stored settings can be read
back without disturbing the DPP’s output.
The CAT521 is controlled with a simple 3-wire,
Microwire like serial interface. A Chip Select pin
allows several devices to share a common serial
interface. Communication back to the host controller is
via a single serial data line thanks to the CAT521 Tri-
Stated Data Output pin. A RDY/BSY
¯¯¯¯ output working in
concert with an internal low voltage detector signals
proper operation of the non-volatile NVRAM memory
Erase/Write cycle.
The CAT521 is available in 0°C to 70°C commercial
and -40°C to 85°C industrial operating temperature
ranges. Both 14-pin plastic DIP and surface mount
packages are available.


Similar Part No. - CAT521

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT521 CATALYST-CAT521 Datasheet
56Kb / 9P
8-Bit Digital POT With Independent Reference Inputs
CAT521 CATALYST-CAT521 Datasheet
867Kb / 28P
Catalyst Semiconductor
CAT521 CATALYST-CAT521 Datasheet
73Kb / 10P
Configured Digitally Programmable Potentiometer
CAT521 CATALYST-CAT521 Datasheet
207Kb / 13P
Configured Digitally Programmable Potentiometer (DPP??: Programmable Voltage Applications
CAT521J-TE10 CATALYST-CAT521J-TE10 Datasheet
73Kb / 10P
Configured Digitally Programmable Potentiometer
More results

Similar Description - CAT521

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT523 CATALYST-CAT523 Datasheet
70Kb / 10P
Configured Digitally Programmable Potentiometer (DPP): Programmable Voltage Applications
CAT524 CATALYST-CAT524 Datasheet
90Kb / 12P
Configured Digitally Programmable Potentiometer (DPP??: Programmable Voltage Applications
CAT525 CATALYST-CAT525 Datasheet
82Kb / 12P
Configured Digitally Programmable Potentiometer (DPP??: Programmable Voltage Applications
CAT521 CATALYST-CAT521_04 Datasheet
73Kb / 10P
Configured Digitally Programmable Potentiometer
CAT523 CATALYST-CAT523_04 Datasheet
102Kb / 11P
Configured Digitally Programmable Potentiometer
CAT521 CATALYST-CAT521_07 Datasheet
207Kb / 13P
Configured Digitally Programmable Potentiometer (DPP??: Programmable Voltage Applications
CAT522 CATALYST-CAT522_07 Datasheet
236Kb / 15P
Configured Digitally Programmable Potentiometer (DPP??: Programmable Voltage Applications
CAT525 CATALYST-CAT525_07 Datasheet
254Kb / 16P
Configured Digitally Programmable Potentiometer (DPP??: Programmable Voltage Applications
CAT522_0710 CATALYST-CAT522_0710 Datasheet
237Kb / 15P
Configured Digitally Programmable Potentiometer (DPP??: Programmable Voltage Applications
logo
ON Semiconductor
CAT522 ONSEMI-CAT522 Datasheet
236Kb / 15P
Configured Digitally Programmable Potentiometer (DPP??: Programmable Voltage Applications
Doc. No. MD-2004 Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com