Electronic Components Datasheet Search
  English  ▼

X  

B-140C Datasheet(PDF) 1 Page - Tyco Electronics

Part # B-140C
Description  B-140C 3PDT, Center Off, 30 Amps, 120 VAC, 60 Hz
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

B-140C Datasheet(HTML) 1 Page - Tyco Electronics

  B-140C Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
AC Relays
CONTACTOR CONFIGURATION
B-140C 3PDT, Center Off, 30 Amps,
120 VAC, 60 Hz
PRODUCT SPECIFICATIONS
Construction
Gasket Sealed, Vented
Main Contacts:
Configuration
3PDT Center Off
Voltage (Nominal)
120 VAC, 60 Hz
Current (Resistive)
30 Amps
Auxiliary Contacts:
Configuration
SPST Center Off
Voltage (Nominal)
28 VDC
Current (Resistive)
5 Amps
Coil Data:
Duty Cycle
Continuous
Voltage (Nominal)
12 VDC
Pick-Up Voltage
9 VDC Maximum
Drop-Out Voltage
0.5 - 35 VDC
Coil Current @ 12 VDC & +25
°C
In-Rush
8 Amps Maximum
Hold
0.7 Amps Maximum
Operating Temperature
-28
°C to +37°C
Life:
Electrical
50,000 Cycles
Mechanical
100,000 Cycles
Weight Maximum
1 Lb. 8 Oz.
Features:
• 3PDT Center Off Main Contacts
• 120 VAC, 60 Hz
• 30 Amps
• High Reliability
• Meets many requirements of MIL-R-6106
Notes:
Catalog (web doc only)
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 5-04
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
HARTMAN Aerospace Power Products
Dimensions for this product are expressed in inches.
Multiply values by 25.4 for millimeters.
For factory-direct application assistance, contact the HARTMAN
product team at (419) 521-9500, Fax (419) 526-2749.
© 2004 by Tyco Electronics Corporation. All Rights Reserved.
HARTMAN and TYCO are trademarks.


Similar Part No. - B-140C

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
B-140-38HD MOLEX4-B-140-38HD Datasheet
120Kb / 2P
Krimptite??Ring Tongue Terminal for 14-16 Heavy Duty AWG Wire
B-140-56HD MOLEX4-B-140-56HD Datasheet
120Kb / 2P
Krimptite??Ring Tongue Terminal for 14-16 Heavy Duty AWG Wire
B-140-56HDT MOLEX4-B-140-56HDT Datasheet
120Kb / 3P
Krimptite??Ring Tongue Terminal
logo
Tyco Electronics
B-140AA MACOM-B-140AA Datasheet
98Kb / 1P
B-140AA 3PDT, Center Off, 60 Amps,200 VAC, 400 Hz
More results

Similar Description - B-140C

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
B-393P MACOM-B-393P Datasheet
52Kb / 1P
Center Off, 200 Amps, 120/208 VAC, 50/60/400 Hz
B-124GL MACOM-B-124GL Datasheet
84Kb / 1P
B-124GL 3PDT, Center Off, 250 Amps, 208 VAC, 400 Hz
B-140AA MACOM-B-140AA Datasheet
98Kb / 1P
B-140AA 3PDT, Center Off, 60 Amps,200 VAC, 400 Hz
B-227 MACOM-B-227 Datasheet
80Kb / 1P
B-227 3PDT, Center Off, 60 Amps, 115/200 VAC, 400 Hz
B-233R MACOM-B-233R Datasheet
62Kb / 1P
B-233R 3PDT, 120 Amps,115/200 VAC, 400 Hz
B-252 MACOM-B-252 Datasheet
71Kb / 1P
B-252 3PDT, Center Off, 30 Amps,115/200 VAC, 400 Hz
B-345LS MACOM-B-345LS Datasheet
79Kb / 1P
B-345LS 3PDT, Center Off, 225 Amps,B-345LS 3PDT, Center Off, 225 Amps,
B-435K-3 MACOM-B-435K-3 Datasheet
70Kb / 1P
B-435K-3 3PDT, Center Off, 140 Amps,115/200 VAC, 400 Hz
B-459 MACOM-B-459 Datasheet
84Kb / 1P
B-459 3PDT, Center Off, 250 Amps, 208 VAC, 400 Hz
B-461 MACOM-B-461 Datasheet
67Kb / 1P
B-461 3PDT, Center Off, 250 Amps,120/208 VAC, 400 Hz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com