Electronic Components Datasheet Search
  English  ▼

X  

B-312CS Datasheet(PDF) 1 Page - Tyco Electronics

Part # B-312CS
Description  B-312CS 3PST N.O., 100 Amps,380 VAC, 50 Hz
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

B-312CS Datasheet(HTML) 1 Page - Tyco Electronics

  B-312CS Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
B-312CS 3PST N.O., 100 Amps,
380 VAC, 50 Hz
PRODUCT SPECIFICATIONS
Construction
Gasket Sealed, Vented
Main Contacts:
Configuration
3PST N.O.
Voltage (Nominal)
380 VAC, 50 Hz
Current (Resistive)
100 Amps
Auxiliary Contacts:
Configuration
2-SPST N.O., 2-SPST N.C.
Voltage (Nominal)
28 VDC
Current
Resistive
5 Amps
Inductive
3 Amps
Lamp
1 Amp
Coil Data:
Duty Cycle
Continuous Economizing
Voltage (Nominal)
28 VDC
Pick-Up Voltage
18 VDC Maximum
Drop-Out Voltage
1 - 7 VDC
Coil Current @ 28 VDC & +25
°C
In-Rush
14.6 Amps Maximum
Hold
0.58 Amps Maximum
Operating Temperature
-55
°C Minimum to +71°C Maximum
Life:
Electrical
50,000 Cycles
Mechanical
100,000 Cycles
Weight
3 Lbs.
Features:
• 3PST N.O. Main Contacts
• Transient Suppression
• Economizing Coil
• 300 VAC, 50 Hz
• 100 Amps
• High Reliability
• Meets many requirements of MIL-R-6106
AC High Voltage
Notes:
CONTACTOR CONFIGURATION
Catalog (web doc only)
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 5-04
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
HARTMAN Aerospace Power Products
Dimensions for this product are expressed in inches.
Multiply values by 25.4 for millimeters.
For factory-direct application assistance, contact the HARTMAN
product team at (419) 521-9500, Fax (419) 526-2749.
© 2004 by Tyco Electronics Corporation. All Rights Reserved.
HARTMAN and TYCO are trademarks.


Similar Part No. - B-312CS

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
B-312D-1 MACOM-B-312D-1 Datasheet
62Kb / 1P
B-312D-1 3PST N.O., 175 Amps, 120/208 VAC, 50/60 Hz
More results

Similar Description - B-312CS

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
B-138DL MACOM-B-138DL Datasheet
104Kb / 1P
B-138DL 3PST N.O., 50 Amps, 200 VAC, 400 Hz
B-138S MACOM-B-138S Datasheet
87Kb / 1P
B-138S 3PST N.O., 60 Amps,115/200 VAC, 300 to 600 Hz
B-312D-1 MACOM-B-312D-1 Datasheet
62Kb / 1P
B-312D-1 3PST N.O., 175 Amps, 120/208 VAC, 50/60 Hz
B-329P MACOM-B-329P Datasheet
59Kb / 1P
B-329P 3PST N.O., Double Break, 20 Amps, 260/450 VAC, 400 Hz
B-429A-1 MACOM-B-429A-1 Datasheet
84Kb / 1P
B-429A-1 3PST N.O., 300 Amps,115/200 VAC, 400 Hz
B-429CA MACOM-B-429CA Datasheet
79Kb / 1P
B-429CA 3PST N.O., 350 Amps,120/208 VAC, 400 Hz
BH-125TH MACOM-BH-125TH Datasheet
59Kb / 1P
BH-125TH 3PST N.O., 250 Amps,208 VAC, 400 Hz
BH-316A MACOM-BH-316A Datasheet
63Kb / 1P
BH-316A 3PST N.O., 50 Amps,28 VDC or 115 VAC, 400 Hz
BP-353 MACOM-BP-353 Datasheet
58Kb / 1P
BP-353 3PST N.O., 50 Amps, 115/200 VAC, 400 Hz
CR-21A MACOM-CR-21A Datasheet
57Kb / 1P
CR-21A 3PST N.O., Double Break, 5 Amps,440 VAC, 60 Hz, 380 VAC, 50 Hz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com