Electronic Components Datasheet Search
  English  ▼

X  

CAT522 Datasheet(PDF) 4 Page - ON Semiconductor

Part # CAT522
Description  Configured Digitally Programmable Potentiometer (DPP??: Programmable Voltage Applications
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT522 Datasheet(HTML) 4 Page - ON Semiconductor

  CAT522 Datasheet HTML 1Page - ON Semiconductor CAT522 Datasheet HTML 2Page - ON Semiconductor CAT522 Datasheet HTML 3Page - ON Semiconductor CAT522 Datasheet HTML 4Page - ON Semiconductor CAT522 Datasheet HTML 5Page - ON Semiconductor CAT522 Datasheet HTML 6Page - ON Semiconductor CAT522 Datasheet HTML 7Page - ON Semiconductor CAT522 Datasheet HTML 8Page - ON Semiconductor CAT522 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
CAT522
Not Recommended for New Design
Doc. No. MD-2004 Rev. I
4
© 2008 SCILLC. All rights reserved.
Characteristics subject to change without notice
POTENTIOMETER CHARACTERISTICS
VDD = +2.7V to +5.5V, VREFH = VDD, VREFL = 0V, unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Potentiometer Resistance
24
kΩ
RPOT to RPOT Match
—
±0.5
±1
%
Pot Resistance Tolerance
±20
%
Voltage on VREFH pin
2.7
VDD
V
Voltage on VREFL pin
0
VDD - 2.7
V
RPOT
Resolution
0.4
%
INL
Integral Linearity Error
0.5
1
LSB
DNL
Differential Linearity Error
0.25
0.5
LSB
ROUT
Buffer Output Resistance
10
Ω
IOUT
Buffer Output Current
3
mA
TCRPOT
TC of Pot Resistance
300
ppm/ºC
CH/CL
Potentiometer Capacitances
8/8
pF
AC ELECTRICAL CHARACTERISTICS
VDD = +2.7V to +5.5V, VREFH = VDD, VREFL = 0V, unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Digital
tCSMIN
Minimum CS Low Time
150
—
—
ns
tCSS
CS Setup Time
100
—
—
ns
tCSH
CS Hold Time
0
—
—
ns
tDIS
DI Setup Time
50
—
—
ns
tDIH
DI Hold Time
50
—
—
ns
tDO1
Output Delay to 1
—
—
150
ns
tDO0
Output Delay to 0
CL = 100pF
(1)
—
—
150
ns
tHZ
Output Delay to High-Z
—
400
—
ns
tLZ
Output Delay to Low-Z
—
400
—
ns
tBUSY
Erase/Write Cycle Time
—
4
5
ms
tPS
PROG Setup Time
150
—
—
ns
tPROG
Minimum Pulse Width
700
—
—
ns
tCLKH
Minimum CLK High Time
500
—
—
ns
tCLKL
Minimum CLK Low Time
300
—
—
ns
fC
Clock Frequency
DC
—
1
MHz
Analog
tDS
DPP Settling Time to 1 LSB
CLOAD = 10pF, VDD = +5V
—
3
10
µs
CLOAD = 10pF, VDD = +3V
—
6
10
µs
Notes:
(1) All timing measurements are defined at the point of signal crossing VDD / 2.
(2) These parameters are periodically sampled and are not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com