Electronic Components Datasheet Search
  English  ▼

X  

CAT660 Datasheet(PDF) 1 Page - ON Semiconductor

Part # CAT660
Description  100 mA CMOS Charge Pump Inverter/Doubler
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT660 Datasheet(HTML) 1 Page - ON Semiconductor

  CAT660 Datasheet HTML 1Page - ON Semiconductor CAT660 Datasheet HTML 2Page - ON Semiconductor CAT660 Datasheet HTML 3Page - ON Semiconductor CAT660 Datasheet HTML 4Page - ON Semiconductor CAT660 Datasheet HTML 5Page - ON Semiconductor CAT660 Datasheet HTML 6Page - ON Semiconductor CAT660 Datasheet HTML 7Page - ON Semiconductor CAT660 Datasheet HTML 8Page - ON Semiconductor CAT660 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
© Semiconductor Components Industries, LLC, 2010
May, 2010 − Rev. 24
1
Publication Order Number:
CAT660/D
CAT660
100 mA CMOS Charge Pump
Inverter/Doubler
Description
The CAT660 is a charge−pump voltage converter. It will invert a
1.5 V to 5.5 V input to a −1.5 V to −5.5 V output. Only two external
capacitors are needed. With a guaranteed 100 mA output current
capability, the CAT660 can replace a switching regulator and its
inductor. Lower EMI is achieved due to the absence of an inductor.
In addition, the CAT660 can double a voltage supplied from a
battery or power supply. Inputs from 2.5 V to 5.5 V will yield a
doubled, 5 V to 11 V output voltage.
A Frequency Control pin (BOOST/FC) is provided to select either a
high (80 kHz) or low (10 kHz) internal oscillator frequency, thus
allowing quiescent current vs. capacitor size trade−offs to be made.
The 80 kHz frequency is selected when the FC pin is connected to V+.
The operating frequency can also be adjusted with an external
capacitor at the OSC pin or by driving OSC with an external clock.
Both 8−pin DIP and SOIC packages are available in the industrial
temperature range.
The CAT660 replaces the MAX660 and the LTC
®660. In addition,
the CAT660 is pin compatible with the 7660/1044, offering an easy
upgrade for applications with 100 mA loads.
Features
• Replaces MAX660 and LTC®660
• Converts V+ to V− or V+ to 2V+
• Low Output Resistance, 4 W Typical
• High Power Efficiency
• Selectable Charge Pump Frequency
− 10 kHz or 80 kHz
− Optimize Capacitor Size
• Low Quiescent Current
• Pin−compatible, High−current Alternative to 7660/1044
• Industrial Temperature Range
• Available in 8−pin SOIC and DIP Packages
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
Applications
• Negative Voltage Generator
• Voltage Doubler
• Voltage Splitter
• Low EMI Power Source
• GaAs FET Biasing
• Lithium Battery Power Supply
• Instrumentation
• LCD Contrast Bias
• Cellular Phones, Pagers
http://onsemi.com
PIN CONFIGURATION
SOIC−8
V SUFFIX
CASE 751BD
PDIP−8
L SUFFIX
CASE 646AA
(Top View)
V+
OSC
LV
OUT
BOOST/FC
CAP+
GND
CAP−
Device
Package
Shipping
ORDERING INFORMATION
CAT660EVA
SOIC−8
(Pb−Free)
100 / Tube
MARKING DIAGRAMS
CAT660EVA−T3
SOIC−8
(Pb−Free)
3,000 /
Tape & Reel
CAT660ELA
PDIP−8
(Pb−Free)
50 / Tube
660ELA
660EVA
660ELA = CAT660ELA
660EVA = CAT660EVA or
660EVA = CAT660EVA−T3
1


Similar Part No. - CAT660

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT660 CATALYST-CAT660 Datasheet
497Kb / 16P
100mA CMOS Charge Pump Inverter/Doubler
CAT660 CATALYST-CAT660 Datasheet
867Kb / 28P
Catalyst Semiconductor
CAT660 CATALYST-CAT660 Datasheet
174Kb / 16P
100mA CMOS Charge Pump Inverter/Doubler
logo
ON Semiconductor
CAT660 ONSEMI-CAT660 Datasheet
142Kb / 13P
100 mA CMOS Charge Pump Inverter/Doubler
July, 2012 ??Rev. 26
CAT660B ONSEMI-CAT660B Datasheet
142Kb / 13P
100 mA CMOS Charge Pump Inverter/Doubler
July, 2012 ??Rev. 26
More results

Similar Description - CAT660

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6660 SIPEX-SP6660 Datasheet
284Kb / 22P
200mA Charge Pump Inverter or Doubler
logo
Catalyst Semiconductor
CAT660 CATALYST-CAT660 Datasheet
497Kb / 16P
100mA CMOS Charge Pump Inverter/Doubler
CAT661 CATALYST-CAT661 Datasheet
488Kb / 16P
High Frequency 100mA CMOS Charge Pump, Inverter/Doubler
CAT660 CATALYST-CAT660_07 Datasheet
174Kb / 16P
100mA CMOS Charge Pump Inverter/Doubler
CAT661 CATALYST-CAT661_07 Datasheet
173Kb / 17P
High Frequency 100mA CMOS Charge Pump, Inverter/Doubler
logo
ON Semiconductor
CAT660ELA ONSEMI-CAT660ELA Datasheet
177Kb / 16P
100mA CMOS Charge Pump Inverter/Doubler
Doc. No. MD-5000, Rev. X
CAT661ELA ONSEMI-CAT661ELA Datasheet
183Kb / 17P
High Frequency 100mA CMOS Charge Pump, Inverter/Doubler
Doc. No. MD-5003, Rev. L
CAT661 ONSEMI-CAT661 Datasheet
164Kb / 16P
High Frequency 100 mA CMOS Charge Pump, Inverter/Doubler
May, 2010 ??Rev. 11
CAT660EVA-GT3 ONSEMI-CAT660EVA-GT3 Datasheet
142Kb / 13P
100 mA CMOS Charge Pump Inverter/Doubler
July, 2012 ??Rev. 26
CAT661 ONSEMI-CAT661_12 Datasheet
142Kb / 14P
High Frequency 100 mA CMOS Charge Pump, Inverter/Doubler
July, 2012 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com