Electronic Components Datasheet Search
  English  ▼

X  

CAT660EVA Datasheet(PDF) 8 Page - ON Semiconductor

Part # CAT660EVA
Description  100 mA CMOS Charge Pump Inverter/Doubler
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT660EVA Datasheet(HTML) 8 Page - ON Semiconductor

Back Button CAT660EVA Datasheet HTML 4Page - ON Semiconductor CAT660EVA Datasheet HTML 5Page - ON Semiconductor CAT660EVA Datasheet HTML 6Page - ON Semiconductor CAT660EVA Datasheet HTML 7Page - ON Semiconductor CAT660EVA Datasheet HTML 8Page - ON Semiconductor CAT660EVA Datasheet HTML 9Page - ON Semiconductor CAT660EVA Datasheet HTML 10Page - ON Semiconductor CAT660EVA Datasheet HTML 11Page - ON Semiconductor CAT660EVA Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
CAT660
http://onsemi.com
8
Capacitor Selection
Low ESR capacitors are necessary to minimize voltage
losses, especially at high load currents. The exact values of
C1 and C2 are not critical but low ESR capacitors are
necessary.
The ESR of capacitor C1, the pump capacitor, can have a
pronounced effect on the output. C1 currents are
approximately twice the output current and losses occur on
both the charge and discharge cycle. The ESR effects are
thus multiplied by four. A 0.5
Ω ESR for C1 will have the
same effect as a 2
Ω increase in CAT660 output impedance.
Output voltage ripple is determined by the value of C2 and
the load current. C2 is charged and discharged at a current
roughly equal to the load current. The internal switching
frequency is one−half the oscillator frequency.
VRIPPLE + IOUT (FOSC
C2) ) IOUT
ESRC2
For example, with a 10 kHz oscillator frequency (5 kHz
switching frequency), a 150
mF C2 capacitor with an ESR of
0.2
Ω and a 100 mA load peak−to−peak ripple voltage is
87 mV.
Table 5. VRIPPLE vs. FOSC
VRIPPLE (mV)
IOUT (mA)
FOSC (kHz)
C2 (mF)
C2 ESR (W)
87
100
10
150
0.2
28
100
80
150
0.2
Figure 16. Oscillator
Figure 17. External Clocking
+
C2
REQUIRED FOR TTL LOGIC
CAT660
100 k
OSC
NC
+
C1
BOOST/FC
V+
OSC
LV
OUT
BOOST/FC
(1)
OSC
(7)
~18 pF
I
7.0 I
I
7.0 I
V+
LV
(6)
INPUT
V+
−V+
CAP+
GND
CAP−
1
2
3
4
8
7
6
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com