Electronic Components Datasheet Search
  English  ▼

X  

CAT1021 Datasheet(PDF) 16 Page - ON Semiconductor

Part # CAT1021
Description  Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM, Manual Reset and Watchdog Timer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT1021 Datasheet(HTML) 16 Page - ON Semiconductor

Back Button CAT1021 Datasheet HTML 12Page - ON Semiconductor CAT1021 Datasheet HTML 13Page - ON Semiconductor CAT1021 Datasheet HTML 14Page - ON Semiconductor CAT1021 Datasheet HTML 15Page - ON Semiconductor CAT1021 Datasheet HTML 16Page - ON Semiconductor CAT1021 Datasheet HTML 17Page - ON Semiconductor CAT1021 Datasheet HTML 18Page - ON Semiconductor CAT1021 Datasheet HTML 19Page - ON Semiconductor CAT1021 Datasheet HTML 20Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
CAT1021, CAT1022, CAT1023
Doc. No. MD-3009 Rev. P
16
© 2009 SCILLC. All rights reserved.
Characteristics subject to change without notice
TSSOP 8-Lead (V)
(1)(2)
Notes:
(1) All dimensions are in millimeters. Angles in degrees.
(2) Complies with JEDEC MO-153
A2
E1
E
A1
e
b
D
c
A
TOP VIEW
SIDE VIEW
END VIEW
θ1
L1
L
SYMBOL
MIN
NOM
MAX
A1.20
A1
0.05
0.15
A2
0.80
0.90
1.05
b
0.19
0.30
c
0.09
0.20
D
2.90
3.00
3.10
E
6.30
6.40
6.50
E1
4.30
4.40
4.50
e0.65 BSC
L1.00 REF
L1
0.50
0.60
0.75
θ10°
8°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com