Electronic Components Datasheet Search
  English  ▼

X  

CAT3603HV2 Datasheet(PDF) 6 Page - ON Semiconductor

Part # CAT3603HV2
Description  3-Channel LED Driver in 3 x 3 mm Package
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT3603HV2 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button CAT3603HV2 Datasheet HTML 2Page - ON Semiconductor CAT3603HV2 Datasheet HTML 3Page - ON Semiconductor CAT3603HV2 Datasheet HTML 4Page - ON Semiconductor CAT3603HV2 Datasheet HTML 5Page - ON Semiconductor CAT3603HV2 Datasheet HTML 6Page - ON Semiconductor CAT3603HV2 Datasheet HTML 7Page - ON Semiconductor CAT3603HV2 Datasheet HTML 8Page - ON Semiconductor CAT3603HV2 Datasheet HTML 9Page - ON Semiconductor CAT3603HV2 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
CAT3603
http://onsemi.com
6
TYPICAL CHARACTERISTICS
(VIN = 3.6 V, IOUT = 60 mA (3 LEDs at 20 mA), C1 = C2 = CIN = COUT = 1 mF, TAMB = 25°C unless otherwise specified.)
Figure 14. Switching Waveforms in 1.5x Mode
Figure 15. Operating Waveforms in 1x Mode
500ns/div
500ns/div
Figure 16. Power Up 3 LEDs at 20 mA,
VIN = 3.2 V (1.5x Mode)
Figure 17. Power Up 3 LEDs at 20 mA,
VIN = 4 V (1x Mode)
500ms/div
500ms/div
Figure 18. LED Current vs. RSET
Figure 19. Line Transient Response
in 1x Mode
RSET (kW)
200ms/div
1,000
100
10
1
10
100
2V/div
VIN
Current
LED
5mA/div
5V/div
VOUT
VIN
Current
Input
10mA/div
50mV/div
VOUT
50mV/div
VIN
Current
Input
10mA/div
50mV/div
VOUT
50mV/div
AC Coupled
AC Coupled
AC Coupled
AC Coupled
AC Coupled
AC Coupled
EN
Current
Input
100mA/
5V/div
VOUT
2V/div
div
EN
Current
Input
100mA/
5V/div
VOUT
2V/div
div



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com