Electronic Components Datasheet Search
  English  ▼

X  

STW45NM50FD Datasheet(PDF) 5 Page - STMicroelectronics

Part # STW45NM50FD
Description  N-channel 500 V, 0.07 Ω, 45 A, TO-247 FDmesh??Power MOSFET (with fast diode)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW45NM50FD Datasheet(HTML) 5 Page - STMicroelectronics

  STW45NM50FD_09 Datasheet HTML 1Page - STMicroelectronics STW45NM50FD_09 Datasheet HTML 2Page - STMicroelectronics STW45NM50FD_09 Datasheet HTML 3Page - STMicroelectronics STW45NM50FD_09 Datasheet HTML 4Page - STMicroelectronics STW45NM50FD_09 Datasheet HTML 5Page - STMicroelectronics STW45NM50FD_09 Datasheet HTML 6Page - STMicroelectronics STW45NM50FD_09 Datasheet HTML 7Page - STMicroelectronics STW45NM50FD_09 Datasheet HTML 8Page - STMicroelectronics STW45NM50FD_09 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
STW45NM50FD
Electrical characteristics
Doc ID 7955 Rev 10
5/12
Table 7.
Switching times
Symbol
Parameter
Test conditions
Min.
Typ. Max. Unit
td(on)
tr
Turn-on delay time
Rise time
VDD=250 V, ID= 22.5 A,
RG=4.7 Ω, VGS=10 V
Figure 15
-
26.5
107.5
-
ns
ns
tr(Voff)
tf
tc
Off-voltage rise time
Fall time
Cross-over time
VDD=400 V, ID= 45 A,
RG=4.7 Ω, VGS=10 V
Figure 15
-
21.6
87.7
110.9
-
ns
ns
ns
Table 8.
Source drain diode
Symbol
Parameter
Test conditions
Min. Typ. Max. Unit
ISD
Source-drain current
-
45
A
ISDM
(1)
1.
Pulse width limited by safe operating area
Source-drain current (pulsed)
-
180
A
VSD
(2)
2.
Pulsed: pulse duration=300µs, duty cycle 1.5%
Forward on voltage
ISD = 45 A, VGS = 0
-
1.5
V
trr
Qrr
IRRM
Reverse recovery time
Reverse recovery charge
Reverse recovery current
ISD = 45 A, VDD = 100 V
di/dt = 100 A/µs,
(see Figure 18)
-
200
1600
16
ns
nC
A
trr
Qrr
IRRM
Reverse recovery time
Reverse recovery charge
Reverse recovery current
ISD= 45 A, Tj = 150 °C
di/dt = 100 A/µs,
VDD=100 V, (see Figure 18)
-
324
4017
24.8
ns
nC
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com