Electronic Components Datasheet Search
  English  ▼

X  

CAT4103 Datasheet(PDF) 3 Page - ON Semiconductor

Part # CAT4103
Description  3-Channel Constant-Current RGB LED Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT4103 Datasheet(HTML) 3 Page - ON Semiconductor

  CAT4103 Datasheet HTML 1Page - ON Semiconductor CAT4103 Datasheet HTML 2Page - ON Semiconductor CAT4103 Datasheet HTML 3Page - ON Semiconductor CAT4103 Datasheet HTML 4Page - ON Semiconductor CAT4103 Datasheet HTML 5Page - ON Semiconductor CAT4103 Datasheet HTML 6Page - ON Semiconductor CAT4103 Datasheet HTML 7Page - ON Semiconductor CAT4103 Datasheet HTML 8Page - ON Semiconductor CAT4103 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
CAT4103
http://onsemi.com
3
Table 3. ELECTRICAL OPERATING CHARACTERISTICS (Min and Max values are over recommended operating conditions
unless specified otherwise. Typical values are at VIN = 5.0 V, TAMB = 25°C.)
Symbol
Name
Conditions
Min
Typ
Max
Units
DC CHARACTERISTICS
IDD1
Supply Current Outputs Off
VLED = 5 V, RSET = 24.9 kW
2
5
mA
IDD2
Supply Current Outputs Off
VLED = 5 V, RSET = 5.23 kW
4
10
mA
IDD3
Supply Current Outputs On
VLED = 0.5 V, RSET = 24.9 kW
2
5
mA
IDD4
Supply Current Outputs On
VLED = 0.5 V, RSET = 5.23 kW
4
10
mA
ILKG
LED Output Leakage
VLED = 5 V, Outputs Off
−1
1
mA
RLIN
LIN Pull−down Resistance
140
180
250
kW
RBIN
BIN Pull−up Resistance
140
180
250
kW
VIH
VIL
SIN, BIN, CIN, LIN logic high level
SIN, BIN, CIN, LIN logic low level
0.7x VDD
0.3x VDD
V
IIL
Logic Input Leakage Current (CIN, SIN)
VI = VDD or GND
−5
0
5
mA
VOH
VOL
xOUT Logic High Output Voltage
xOUT Logic Low Output Voltage
IOH = −1 mA
IOL = 1 mA
VCC − 0.3 V
0.3
V
VRSET
RSETx Regulated Voltage
1.17
1.2
1.23
V
TSD
Thermal Shutdown
150
°C
THYS
Thermal Hysteresis
20
°C
ILED/IRSET
RSET to LED Current Gain ratio
100 mA LED Current
400
VUVLO
Undervoltage Lockout (UVLO) Threshold
1.8
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com