Electronic Components Datasheet Search
  English  ▼

X  

SO-8 Datasheet(PDF) 1 Page - STMicroelectronics

Part # SO-8
Description  8-LEAD SMALL OUTLINE PACKAGE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SO-8 Datasheet(HTML) 1 Page - STMicroelectronics

  SO-8 Datasheet HTML 1Page - STMicroelectronics SO-8 Datasheet HTML 2Page - STMicroelectronics SO-8 Datasheet HTML 3Page - STMicroelectronics SO-8 Datasheet HTML 4Page - STMicroelectronics SO-8 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DIMENSIONS
REF.
mm
inch
MIN.
TYP. MAX. MIN.
TYP.
MAX.
A
1.35
1.75
0.053
0.069
A1
0.10
0.25
0.04
0.010
A2
1.10
1.65
0.043
0.065
B
0.33
0.51
0.013
0.020
C
0.19
0.25
0.007
0.010
D
4.80
5.00
0.189
0.197
E
3.80
4.00
0.150
0.157
e
1.27
0.050
H
5.80
6.20
0.228
0.244
h
0.25
0.50
0.010
0.020
L
0.40
1.27
0.016
0.050
k
8° (max.)
ddd
0.1
0.04
February 2005
1/5
PACKAGE AND
PACKING INFORMATION
SO-8
Weight: not available
8-LEAD SMALL OUTLINE
PACKAGE


Similar Part No. - SO-8

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SO-8 DIODES-SO-8 Datasheet
188Kb / 14P
SUGGESTED PAD LAYOUT
Rev 43
logo
Texas Instruments
SO-8 TI1-SO-8 Datasheet
551Kb / 30P
STAR STAR Surface Mount Tape-and-Reel Specification
SO-8 TI1-SO-8 Datasheet
1Mb / 25P
MicroSIZE, Single-Supply CMOS OPERATIONAL AMPLIFIERS MicroAmplifier Series
logo
Advanced Monolithic Sys...
SO-8 ADMOS-SO-8 Datasheet
67Kb / 5P
Packaging for Automatic Handling
More results

Similar Description - SO-8

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SSOP24 STMICROELECTRONICS-SSOP24 Datasheet
59Kb / 4P
24-LEAD SHRINK SMALL OUTLINE PACKAGE
Nov-2002
MINISO-8 STMICROELECTRONICS-MINISO-8 Datasheet
55Kb / 5P
8-LEAD MINI SMALL OUTLINE
Mar-2003
logo
Analog Devices
R-8 AD-R-8 Datasheet
153Kb / 1P
8-Lead Standard Small Outline Package [SOIC_N] Narrow Body Dimensions
logo
Advanced Power Electron...
AP1333GU-HF A-POWER-AP1333GU-HF_14 Datasheet
98Kb / 4P
Small Package Outline
AP2301EN-HF A-POWER-AP2301EN-HF_14 Datasheet
102Kb / 4P
Small Package Outline
AP2301N-HF A-POWER-AP2301N-HF_14 Datasheet
65Kb / 4P
Small Package Outline
AP2306AGEN-HF A-POWER-AP2306AGEN-HF_14 Datasheet
101Kb / 4P
Small Outline Package
AP2318AGEN-HF A-POWER-AP2318AGEN-HF_14 Datasheet
64Kb / 4P
Small Outline Package
AP2323AGN-HF A-POWER-AP2323AGN-HF_14 Datasheet
104Kb / 4P
Small Package Outline
AP2307GN-HF A-POWER-AP2307GN-HF_16 Datasheet
65Kb / 5P
Small Package Outline
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com