Electronic Components Datasheet Search
  English  ▼

X  

CAT4201 Datasheet(PDF) 3 Page - ON Semiconductor

Part # CAT4201
Description  350 mA High Efficiency Step Down LED Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT4201 Datasheet(HTML) 3 Page - ON Semiconductor

  CAT4201 Datasheet HTML 1Page - ON Semiconductor CAT4201 Datasheet HTML 2Page - ON Semiconductor CAT4201 Datasheet HTML 3Page - ON Semiconductor CAT4201 Datasheet HTML 4Page - ON Semiconductor CAT4201 Datasheet HTML 5Page - ON Semiconductor CAT4201 Datasheet HTML 6Page - ON Semiconductor CAT4201 Datasheet HTML 7Page - ON Semiconductor CAT4201 Datasheet HTML 8Page - ON Semiconductor CAT4201 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
CAT4201
http://onsemi.com
3
TYPICAL OPERATION CHARACTERISTICS
(VIN = 13 V, ILED = 300 mA, L = 22 mH, C1 = 4.7 mF, C2 = 10 mF, TAMB = 25°C unless otherwise specified)
Figure 2. Input Operating Supply Current
Figure 3. Idle Mode Supply Current
(CTRL = 0 V)
INPUT VOLTAGE (V)
INPUT VOLTAGE (V)
22
20
18
16
14
12
10
8
0
0.2
0.4
0.6
0.8
1.0
24
20
16
12
8
4
0
0
50
100
150
200
Figure 4. CTRL Input Bias Current
Figure 5. RSET Voltage vs. Temperature
CTRL VOLTAGE (V)
TEMPERATURE (°C)
12
10
8
6
4
2
0
0
50
100
150
200
250
120
80
40
0
−40
1.10
1.15
1.20
1.25
1.30
Figure 6. RSET Voltage vs. CTRL Voltage
Figure 7. LED Current vs. RSET
CTRL VOLTAGE (V)
RSET (kW)
4
3
2
1
0
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
35
30
25
20
15
10
5
0
100
200
300
400
24
VIN = 13 V
+25°C
−40°C
+85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com