Electronic Components Datasheet Search
  English  ▼

X  

CAT4237 Datasheet(PDF) 2 Page - ON Semiconductor

Part # CAT4237
Description  High Voltage CMOS Boost White LED Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT4237 Datasheet(HTML) 2 Page - ON Semiconductor

  CAT4237 Datasheet HTML 1Page - ON Semiconductor CAT4237 Datasheet HTML 2Page - ON Semiconductor CAT4237 Datasheet HTML 3Page - ON Semiconductor CAT4237 Datasheet HTML 4Page - ON Semiconductor CAT4237 Datasheet HTML 5Page - ON Semiconductor CAT4237 Datasheet HTML 6Page - ON Semiconductor CAT4237 Datasheet HTML 7Page - ON Semiconductor CAT4237 Datasheet HTML 8Page - ON Semiconductor CAT4237 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
CAT4237
http://onsemi.com
2
Figure 1. Typical Application Circuit
L: Sumida CDRH3D16−330
D: Central CMDSH05−4 (rated 40 V)
C2: Taiyo Yuden UMK212BJ224 (rated 50 V)
VIN
CAT4237
L
D
15 W
20 mA
4.7 mF
3 V to
4.2 V
0.22 mF
FB
SW
GND
ON
33 mH
OFF
VFB = 300 mV
SHDN
VOUT
C1
VIN
C2
R1
Table 1. ABSOLUTE MAXIMUM RATINGS
Parameters
Ratings
Units
VIN, FB voltage
−0.3 to +7
V
SHDN voltage
−0.3 to +7
V
SW voltage
−0.3 to +55
V
Storage Temperature Range
−65 to +160
_C
Junction Temperature Range
−40 to +150
_C
Lead Temperature
300
_C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
Table 2. RECOMMENDED OPERATING CONDITIONS
Parameters
Range
Units
VIN
2.8 to 5.5
V
SW pin voltage
0 to 30
V
Ambient Temperature Range
−40 to +85
_C
6, 7 or 8 LEDs
1 to 40
mA
NOTE: Typical application circuit with external components is shown above.
3. Thin SOT23−5 package thermal resistance qJA = 135°C/W when mounted on board over a ground plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com