Electronic Components Datasheet Search
  English  ▼

X  

TS4872IJT Datasheet(PDF) 1 Page - STMicroelectronics

Part # TS4872IJT
Description  RAIL TO RAIL INPUT/OUTPUT 1W AUDIO POWER AMPLIFIER WITH STANDBY MODE
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4872IJT Datasheet(HTML) 1 Page - STMicroelectronics

  TS4872IJT Datasheet HTML 1Page - STMicroelectronics TS4872IJT Datasheet HTML 2Page - STMicroelectronics TS4872IJT Datasheet HTML 3Page - STMicroelectronics TS4872IJT Datasheet HTML 4Page - STMicroelectronics TS4872IJT Datasheet HTML 5Page - STMicroelectronics TS4872IJT Datasheet HTML 6Page - STMicroelectronics TS4872IJT Datasheet HTML 7Page - STMicroelectronics TS4872IJT Datasheet HTML 8Page - STMicroelectronics TS4872IJT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
1/29
■ OPERATING FROM V
CC = 2.2V to 5.5V
■ RAIL TO RAIL INPUT/OUTPUT
■ 1W OUTPUT POWER @ Vcc=5V, THD=1%,
f=1kHz, with 8
Ω Load
■ ULTRA LOW CONSUMPTION IN STANDBY
MODE (10nA)
■ 75dB PSRR @ 217Hz @ 5 & 2.6V
■ ULTRA LOW POP & CLICK
■ ULTRA LOW DISTORTION (0.05%)
■ UNITY GAIN STABLE
■ 8 X170µm BUMPS FLIP CHIP PACKAGE
DESCRIPTION
The TS4872 is an Audio Power Amplifier capable
of delivering 1W of continuous RMS Ouput Power
into 8
Ω load @ 5V.
This Audio Amplifier is exhibiting 0.1% distortion
level (THD) from a 5V supply for a Pout = 250mW
RMS. An external standby mode control reduces
the supply current to less than 10nA. An internal
shutdown protection is provided.
The TS4872 has been designed for high quality
audio applications such as mobile phones and to
minimize the number of external components.
The unity-gain stable amplifier can be configured
by external gain setting resistors.
APPLICATIONS
■ Mobile Phones (Cellular / Cordless)
■ PDAs
■ Laptop/Notebook computers
■ Portable Audio Devices
ORDER CODE
J = Flip Chip Package - only available in Tape & Reel (JT)
PIN CONNECTIONS (Top View)
Part
Number
Temperature
Range
Package
Marking
J
TS4872IJT
-40, +85°C
●
YW4872
12
3
76
5
8
4
GND
BYPASS
Vout2
STDBY
Vcc
Vout1
Vin
+
Vin
Rin
Cin
Rstb
Cb
Rfeed
1
7
3
5
8
4
Vin-
Vin+
-
+
-
+
Bypass
Standby
Bias
6
Vout1
Vout2
Av=-1
TS4872
RL
8 Ohms
Audio
Input
Vcc
Vcc
Cfeed
Cs
2
TYPICAL APPLICATION SCHEMATIC
TS4872IJT - FLIP CHIP
TS4872
RAIL TO RAIL INPUT/OUTPUT
1W AUDIO POWER AMPLIFIER WITH STANDBY MODE
April 2005
NOT FOR NEW DESIGN
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - TS4872IJT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS4872IJT STMICROELECTRONICS-TS4872IJT Datasheet
960Kb / 29P
RAIL TO RAIL INPUT/OUTPUT 1W AUDIO POWER AMPLIFIER WITH STANDBY MODE
Oct-2002
More results

Similar Description - TS4872IJT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS4871 STMICROELECTRONICS-TS4871 Datasheet
1Mb / 28P
OUTPUT RAIL TO RAIL 1W AUDIO POWER AMPLIFIER WITH STANDBY MODE
Jun-2003
TS4872 STMICROELECTRONICS-TS4872 Datasheet
960Kb / 29P
RAIL TO RAIL INPUT/OUTPUT 1W AUDIO POWER AMPLIFIER WITH STANDBY MODE
Oct-2002
TS4890 STMICROELECTRONICS-TS4890 Datasheet
833Kb / 32P
RAIL TO RAIL OUTPUT 1W AUDIO POWER AMPLIFIER WITH STANDBY MODE ACTIVE LOW
Jun-2003
TS4990 STMICROELECTRONICS-TS4990 Datasheet
143Kb / 6P
1W AUDIO POWER AMPLIFIER WITH ACTIVE LOW STANDBY MODE
30-Aug-2011
TS4994 STMICROELECTRONICS-TS4994 Datasheet
762Kb / 31P
1W Differential Input/Output Audio Power Amplifier with Selectable Standby
TS951 STMICROELECTRONICS-TS951_05 Datasheet
350Kb / 15P
Input/Output Rail-to-Rail Low Power Operational Amplifier
Dec-2005
logo
Texas Instruments
TS4994 TI-TS4994_06 Datasheet
485Kb / 35P
1W differential input/output audio power amplifier with selectable standby
logo
STMicroelectronics
TS951 STMICROELECTRONICS-TS951_07 Datasheet
440Kb / 17P
Input/output rail-to-rail low power operational amplifier
10-Dec-2007
logo
Intersil Corporation
EL5211T INTERSIL-EL5211T Datasheet
403Kb / 15P
60MHz Rail-to-Rail Input-Output Operational Amplifier
May 12, 2010
EL5120T INTERSIL-EL5120T Datasheet
511Kb / 14P
12MHz Rail-to-Rail Input-Output Operational Amplifier
September 27, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com