Electronic Components Datasheet Search
  English  ▼

X  

CAT5115 Datasheet(PDF) 4 Page - ON Semiconductor

Part # CAT5115
Description  32-Tap Digitally Programmable Potentiometer (DPP??
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT5115 Datasheet(HTML) 4 Page - ON Semiconductor

  CAT5115 Datasheet HTML 1Page - ON Semiconductor CAT5115 Datasheet HTML 2Page - ON Semiconductor CAT5115 Datasheet HTML 3Page - ON Semiconductor CAT5115 Datasheet HTML 4Page - ON Semiconductor CAT5115 Datasheet HTML 5Page - ON Semiconductor CAT5115 Datasheet HTML 6Page - ON Semiconductor CAT5115 Datasheet HTML 7Page - ON Semiconductor CAT5115 Datasheet HTML 8Page - ON Semiconductor CAT5115 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
CAT5115
Doc. No. MD-2117 Rev. J
4
© 2009 SCILLC. All rights reserved.
Characteristics subject to change without notice
Logic Inputs
Symbol
Parameter
Conditions
Min
Typ
Max
Units
IIH
Input Leakage Current
VIN = VCC
–
–
10
µA
IIL
Input Leakage Current
VIN = 0V
–
–
-10
µA
VIH1
TTL High Level Input Voltage
2
–
VCC
V
VIL1
TTL Low Level Input Voltage
4.5V ≤ VCC ≤ 5.5V
0
–
0.8
V
VIH2
CMOS High Level Input Voltage
VCC x 0.7
–
VCC + 0.3
V
VIL2
CMOS Low Level Input Voltage
2.5V ≤ VCC ≤ 6V
-0.3
–
VCC x 0.2
V
Potentiometer Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Units
-10 Device
10
-50 Device
50
RPOT
Potentiometer Resistance
-00 Device
100
kΩ
Pot. Resistance Tolerance
±20
%
VRH
Voltage on RH pin
0
VCC
V
VRL
Voltage on RL pin
0
VCC
V
Resolution
3.2
%
INL
Integral Linearity Error
IW ≤ 2µA
0.5
1
LSB
DNL
Differential Linearity Error
IW ≤ 2µA
0.25
0.5
LSB
VCC = 5V, IW = 1mA
70
200
Ω
RWI
Wiper Resistance
VCC = 2.5V, IW = 1mA
150
400
Ω
IW
Wiper Current
(1)
1
mA
TCRPOT
TC of Pot Resistance
±50
±300
ppm/ºC
TCRATIO
Ratiometric TC
20
ppm/ºC
VN
Noise
100kHz / 1kHz
8/24
nV/√Hz
CH/CL/CW
Potentiometer Capacitances
8/8/25
pF
fc
Frequency Response
Passive Attenuator, 10kΩ
1.7
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com