Electronic Components Datasheet Search
  English  ▼

X  

CAT5221 Datasheet(PDF) 3 Page - ON Semiconductor

Part # CAT5221
Description  Dual Digitally Programmable Potentiometer (DPP?? with 64 Taps and I2C Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT5221 Datasheet(HTML) 3 Page - ON Semiconductor

  CAT5221 Datasheet HTML 1Page - ON Semiconductor CAT5221 Datasheet HTML 2Page - ON Semiconductor CAT5221 Datasheet HTML 3Page - ON Semiconductor CAT5221 Datasheet HTML 4Page - ON Semiconductor CAT5221 Datasheet HTML 5Page - ON Semiconductor CAT5221 Datasheet HTML 6Page - ON Semiconductor CAT5221 Datasheet HTML 7Page - ON Semiconductor CAT5221 Datasheet HTML 8Page - ON Semiconductor CAT5221 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
CAT5221
© 2009 SCILLC. All rights reserved.
3
Doc. No. MD-2113 Rev. M
Characteristics subject to change without notice
ABSOLUTE MAXIMUM RATINGS
(1)
Parameter
Ratings
Units
Temperature Under Bias
-55 to +125
°C
Storage Temperature
-65 to +150
°C
Voltage on any Pin with Respect to VSS
(2)
-2.0 to +VCC +2.0
V
VCC with Respect to Ground
-2.0 to +7.0
V
Package Power Dissipation Capability (TA = 25°C)
1.0
W
Lead Soldering Temperature (10s)
300
°C
Wiper Current
±12
mA
RECOMMENDED OPERATING CONDITIONS
Vcc = +2.5 V to +6 V
Parameter
Ratings
Units
Operating Ambient Temperature (Industrial)
-40 to +85
°C
POTENTIOMETER CHARACTERISTICS
Over recommended operating conditions unless otherwise stated.
Symbol Parameter
Test Conditions
Min
Typ
Max
Units
RPOT
Potentiometer Resistance (-00)
100
kΩ
RPOT
Potentiometer Resistance (-50)
50
kΩ
RPOT
Potentiometer Resistance (-10)
10
kΩ
RPOT
Potentiometer Resistance (-2.5)
2.5
kΩ
Potentiometer Resistance Tolerance
±20
%
RPOT Matching
1
%
Power Rating
25°C, each pot
50
mW
IW
Wiper Current
±6
mA
RW
Wiper Resistance
IW = +3 mA @ VCC =3 V
300
Ω
RW
Wiper Resistance
IW = +3 mA @ VCC = 5 V
80
150
Ω
VTERM
Voltage on any RH or RL Pin
VSS = 0 V
GND
VCC
VN
Noise
(4)
TBD
nV/√Hz
Resolution
1.6
%
Absolute Linearity
(5)
RW(n)(actual) - R(n)(expected)
(8)
±1
LSB
(7)
Relative Linearity
(6)
RW(n+1) - [RW(n)+LSB]
(8)
±0.2
LSB
(7)
TCRPOT Temperature Coefficient of RPOT
(4)
±300
ppm/°C
TCRATIO Ratiometric Temp. Coefficient
(4)
20
ppm/°C
CH/CL/CW Potentiometer Capacitances
(4)
10/10/25
pF
fc
Frequency Response
RPOT = 50 kΩ
0.4
MHz
Notes:
(1) Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions outside of those listed in the operational sections of this
specification is not implied. Exposure to any absolute maximum rating for extended periods may affect device performance and reliability.
(2) The minimum DC input voltage is –0.5 V. During transitions, inputs may undershoot to –2.0 V for periods of less than 20 ns. Maximum
DC voltage on output pins is VCC +0.5 V, which may overshoot to VCC +2.0 V for periods of less than 20 ns.
(3) Latch-up protection is provided for stresses up to 100 mA on address and data pins from –1 V to VCC + 1 V.
(4) This parameter is tested initially and after a design or process change that affects the parameter.
(5) Absolute linearity is utilized to determine actual wiper voltage versus expected voltage as determined by wiper position when used as a
potentiometer.
(6) Relative linearity is utilized to determine the actual change in voltage between two successive tap positions when used as a
potentiometer. It is a measure of the error in step size.
(7) LSB = RTOT / 63 or (RH - RL) / 63, single pot
(8) n = 0, 1, 2, ..., 63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com