Electronic Components Datasheet Search
  English  ▼

X  

CAT5251WI50 Datasheet(PDF) 2 Page - ON Semiconductor

Part # CAT5251WI50
Description  Quad Digitally Programmable Potentiometer (DPP?? with 256 Taps and SPI Interface
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT5251WI50 Datasheet(HTML) 2 Page - ON Semiconductor

  CAT5251WI50 Datasheet HTML 1Page - ON Semiconductor CAT5251WI50 Datasheet HTML 2Page - ON Semiconductor CAT5251WI50 Datasheet HTML 3Page - ON Semiconductor CAT5251WI50 Datasheet HTML 4Page - ON Semiconductor CAT5251WI50 Datasheet HTML 5Page - ON Semiconductor CAT5251WI50 Datasheet HTML 6Page - ON Semiconductor CAT5251WI50 Datasheet HTML 7Page - ON Semiconductor CAT5251WI50 Datasheet HTML 8Page - ON Semiconductor CAT5251WI50 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
CAT5251
Doc. No. MD-2017 Rev. H
2
© 2009 SCILLC. All rights reserved.
Characteristics subject to change without notice
PIN DESCRIPTION
SI: Serial Input
SI is the serial data input pin. This pin is used to
input all opcodes, byte addresses and data to be
written to the CAT5251. Input data is latched on the
rising edge of the serial clock.
SO: Serial Output
SO is the serial data output pin. This pin is used to
transfer data out of the CAT5251. During a read
cycle, data is shifted out on the falling edge of the
serial clock.
SCK: Serial Clock
SCK is the serial clock pin. This pin is used to
synchronize
the
communication
between
the
microcontroller and the CAT5251. Opcodes, byte
addresses or data present on the SI pin are latched
on the rising edge of the SCK. Data on the SO pin is
updated on the falling edge of the SCK.
A0, A1: Device Address Inputs
These inputs set the device address when
addressing multiple devices. A total of four devices
can be addressed on a single bus. A match in the
slave address must be made with the address input
in order to initiate communication with the CAT5251.
RH, RL: Resistor End Points
The four sets of RH and RL pins are equivalent to the
terminal connections on a mechanical potentiometer.
RW: Wiper
The four RW pins are equivalent to the wiper terminal
of a mechanical potentiometer.
CS
¯¯¯: Chip Select
CS
¯¯¯ is the Chip select pin. CS
¯¯¯ low enables the
CAT5251 and CS
¯¯¯ high disables the CAT5251. CS
¯¯¯
high takes the SO output pin to high impedance and
forces the devices into a Standby mode (unless an
internal write operation is underway). The CAT5251
draws ZERO current in the Standby mode. A high to
low transition on CS
¯¯¯ is required prior to any
sequence being initiated. A low to high transition on
CS
¯¯¯ after a valid write sequence is what initiates an
internal write cycle.
WP
¯¯¯: Write Protect
WP
¯¯¯ is the Write Protect pin. The Write Protect pin
will allow normal read/write operations when held
high. When WP
¯¯¯ is tied low, all non-volatile write
operations to the Data registers are inhibited
(change of wiper control register is allowed). WP
¯¯¯
going low while CS
¯¯¯ is still low will interrupt a write to
the registers. If the internal write cycle has already
been initiated, WP
¯¯¯ going low will have no effect on
any write operation.
HOLD
¯¯¯¯¯: Hold
The HOLD
¯¯¯¯¯ pin is used to pause transmission to the
CAT5251 while in the middle of a serial sequence
without having to re-transmit entire sequence at a
later time. To pause, HOLD
¯¯¯¯¯ must be brought low
while SCK is low. The SO pin is in a high impedance
state during the time the part is paused, and
transitions on the SI pins will be ignored. To resume
communication, HOLD
¯¯¯¯¯ is brought high, while SCK is
low. (HOLD
¯¯¯¯¯ should be held high any time this
function is not being used.) HOLD
¯¯¯¯¯ may be tied high
directly to VCC or tied to VCC through a resistor.
PIN DESCRIPTION
Pin #
Name
Function
1
SO
Serial Data Output
2
A0
Device Address, LSB
3
RW3
Wiper Terminal for Potentiometer 3
4
RH3
High Reference Terminal for
Potentiometer 3
5
RL3
Low Reference Terminal for
Potentiometer 3
6
NC
No Connect
7
VCC
Supply Voltage
8
RL0
Low Reference Terminal for
Potentiometer 0
9
RH0
High Reference Terminal for
Potentiometer 0
10
RW0
Wiper Terminal for Potentiometer 0
11
CS
¯¯¯
Chip Select
12
WP
¯¯¯
Write Protection
13
SI
Serial Input
14
A1
Device Address
15
RL1
Low Reference Terminal for
Potentiometer 1
16
RH1
High Reference Terminal for
Potentiometer 1
17
RW1
Wiper Terminal for Potentiometer 1
18
GND
Ground
19
NC
No Connect
20
RW2
Wiper Terminal for Potentiometer 2
21
RH2
High Reference Terminal for
Potentiometer 2
22
RL2
Low Reference Terminal for
Potentiometer 2
23
SCK
Bus Serial Clock
24
HOLD
¯¯¯¯¯
Hold



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com