Electronic Components Datasheet Search
  English  ▼

X  

CAT5401 Datasheet(PDF) 3 Page - ON Semiconductor

Part # CAT5401
Description  Quad Digitally Programmable Potentiometers (DPP?? with 64 Taps and SPI Interface
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT5401 Datasheet(HTML) 3 Page - ON Semiconductor

  CAT5401 Datasheet HTML 1Page - ON Semiconductor CAT5401 Datasheet HTML 2Page - ON Semiconductor CAT5401 Datasheet HTML 3Page - ON Semiconductor CAT5401 Datasheet HTML 4Page - ON Semiconductor CAT5401 Datasheet HTML 5Page - ON Semiconductor CAT5401 Datasheet HTML 6Page - ON Semiconductor CAT5401 Datasheet HTML 7Page - ON Semiconductor CAT5401 Datasheet HTML 8Page - ON Semiconductor CAT5401 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
CAT5401
© 2009 SCILLC. All rights reserved.
3
Doc. No. MD-2012 Rev. J
Characteristics subject to change without notice
SERIAL BUS PROTOCOL
The CAT5041 supports the SPI bus data transmission
protocol. The synchronous Serial Peripheral Interface
(SPI) helps the CAT5401 to interface directly with
many of today's popular microcontrollers. The
CAT5041 contains an 8-bit instruction register. The
instruction set and the operation codes are detailed in
the instruction set table 3.
After the device is selected with CS
¯¯¯ going low the first
byte will be received. The part is accessed via the SI
pin, with data being clocked in on the rising edge of
SCK. The first byte contains one of the six op-codes
that define the operation to be performed.
DEVICE OPERATION
The CAT5401 is four resistor arrays integrated with
SPI serial interface logic, four 6-bit wiper control
registers and sixteen 6-bit, non-volatile memory data
registers. Each resistor array contains 63 separate
resistive elements connected in series. The physical
ends of each array are equivalent to the fixed
terminals of a mechanical potentiometer (RH and RL).
RH and RL are symmetrical and may be interchanged.
The tap positions between and at the ends of the
series resistors are connected to the output wiper
terminals (RW) by a CMOS transistor switch. Only one
tap point for each potentiometer is connected to its
wiper terminal at a time and is determined by the
value of the wiper control register. Data can be read
or written to the wiper control registers or the non-
volatile memory data registers via the SPI bus.
Additional instructions allows data to be transferred
between the wiper control registers and each
respective potentiometer's non-volatile data registers.
Also, the device can be instructed to operate in an
"increment/decrement" mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com