Electronic Components Datasheet Search
  English  ▼

X  

CAT9532 Datasheet(PDF) 3 Page - ON Semiconductor

Part # CAT9532
Description  16-bit Programmable LED Dimmer with I2C Interface
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT9532 Datasheet(HTML) 3 Page - ON Semiconductor

  CAT9532 Datasheet HTML 1Page - ON Semiconductor CAT9532 Datasheet HTML 2Page - ON Semiconductor CAT9532 Datasheet HTML 3Page - ON Semiconductor CAT9532 Datasheet HTML 4Page - ON Semiconductor CAT9532 Datasheet HTML 5Page - ON Semiconductor CAT9532 Datasheet HTML 6Page - ON Semiconductor CAT9532 Datasheet HTML 7Page - ON Semiconductor CAT9532 Datasheet HTML 8Page - ON Semiconductor CAT9532 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
CAT9532
ABSOLUTE MAXIMUM RATINGS
(1)
Parameters
Ratings
Units
VCC with Respect to Ground
-2.0 to +7.0
V
Voltage on Any Pin with Respect to Ground
-0.5 to +5.5
V
DC Current on I/Os
±25
mA
Supply Current
200
mA
Package Power Dissipation Capability (TA = 25ºC)
1.0
W
Junction Temperature
+150
°C
Storage Temperature
-65 to +150
ºC
Lead Soldering Temperature (10 seconds)
300
ºC
Operating Ambient Temperature
-40 to +85
ºC
Notes:
(1) Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions outside of those listed in the operational sections of this
specification is not implied. Exposure to any absolute maximum rating for extended periods may affect device performance and reliability.
© 2010 SCILLC. All rights reserved
3
Doc. No. MD-9001 Rev. E
Characteristics subject to change without notice



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com