Electronic Components Datasheet Search
  English  ▼

X  

CAT9532WI Datasheet(PDF) 1 Page - ON Semiconductor

Part # CAT9532WI
Description  16-bit Programmable LED Dimmer with I2C Interface
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT9532WI Datasheet(HTML) 1 Page - ON Semiconductor

  CAT9532WI Datasheet HTML 1Page - ON Semiconductor CAT9532WI Datasheet HTML 2Page - ON Semiconductor CAT9532WI Datasheet HTML 3Page - ON Semiconductor CAT9532WI Datasheet HTML 4Page - ON Semiconductor CAT9532WI Datasheet HTML 5Page - ON Semiconductor CAT9532WI Datasheet HTML 6Page - ON Semiconductor CAT9532WI Datasheet HTML 7Page - ON Semiconductor CAT9532WI Datasheet HTML 8Page - ON Semiconductor CAT9532WI Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
CAT9532
16-bit Programmable LED Dimmer with I
2C Interface
FEATURES
16 LED drivers with dimming control
256 brightness steps
16 open drain outputs drive 25 mA each
2 selectable programmable blink rates:
– frequency: 0.593Hz to 152Hz
– duty cycle: 0% to 99.6%
I/Os can be used as GPIOs
400kHz I
2C bus compatible*
2.3V to 5.5V operation
5V tolerant I/Os
Active low reset input
RoHS-compliant 24-Lead SOIC, TSSOP and
24-pad TQFN (4 x 4mm) packages
APPLICATIONS
Backlighting
RGB color mixing
Sensors control
Power switches, push-buttons
Alarm systems
DESCRIPTION
The CAT9532 is a CMOS device that provides 16-bit
parallel input/output port expander optimized for LED
dimming control. The CAT9532 outputs can drive
directly 16 LEDs in parallel. Each individual LED may
be turned ON, OFF, or blinking at one of two
programmable rates. The device provides a simple
solution for dimming LEDs in 256 brightness steps for
backlight and color mixing applications. The CAT9532
is suitable in I
2C and SMBus compatible applications
where it is necessary to limit the bus traffic or free-up
the bus master’s timer.
The CAT9532 contains an internal oscillator and two
PWM signals that drive the LED outputs. The user can
program the period and duty cycle for each individual
PWM signal.
After the initial set-up command to
program the Blink Rate 1 and Blink Rate 2 (frequency
and duty cycle), only one command from the bus master
is required to turn each individual open drain output ON,
OFF, or cycle at Blink Rate 1 or Blink Rate 2. Each
open drain LED output can provide a maximum output
current of 25mA. The total current sunk by all I/Os must
not exceed 200mA.
TYPICAL APPLICATION CIRCUIT
For Ordering Information details, see page 17.
CAT9532
GPIOs
I2C/SMBus
Master
VSS
A0
A1
A2
RS0
3 x 10k
Ω
RS1
RS11
5 V
LED11
LED1
LED0
VCC
LED12
LED15
SDA
5 V
SCL
SDA
SCL
RESET
RESET
Notes:
LED0 to LED11 are used as LED drivers
* Catalyst Semiconductor is licensed by Philips Corporation to
carry the I
2C Protocol.
LED12 to LED15 are used as regular GPIOs
© 2010 SCILLC. All rights reserved
1
Doc. No. MD-9001 Rev. E
Characteristics subject to change without notice


Similar Part No. - CAT9532WI

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT9532WI ONSEMI-CAT9532WI Datasheet
203Kb / 17P
16-bit Programmable LED Dimmer with I2C Interface
Doc. No. MD-9001 Rev. D
CAT9532WI-T1 ONSEMI-CAT9532WI-T1 Datasheet
203Kb / 17P
16-bit Programmable LED Dimmer with I2C Interface
Doc. No. MD-9001 Rev. D
More results

Similar Description - CAT9532WI

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9531 PHILIPS-PCA9531 Datasheet
154Kb / 20P
8-bit I2C LED dimmer
2003 Nov 10
PCA9533 PHILIPS-PCA9533 Datasheet
133Kb / 18P
4-bit I2C LED dimmer
2004 Oct 01
PCA9532 PHILIPS-PCA9532 Datasheet
154Kb / 20P
16-bit I2C LED dimmer
Rev. 04-17 March 2009
PCA9530 PHILIPS-PCA9530 Datasheet
123Kb / 16P
2-bit I2C LED dimmer
2002 Dec 12
logo
ON Semiconductor
CAT9532WI ONSEMI-CAT9532WI Datasheet
203Kb / 17P
16-bit Programmable LED Dimmer with I2C Interface
Doc. No. MD-9001 Rev. D
logo
NXP Semiconductors
PCA9530 NXP-PCA9530 Datasheet
152Kb / 24P
2-bit I2C-bus LED dimmer
Rev. 03-26 February 2009
PCA9531 NXP-PCA9531 Datasheet
164Kb / 27P
8-bit I2C-bus LED dimmer
Rev. 06-19 February 2009
PCA9532 NXP-PCA9532 Datasheet
173Kb / 29P
16-bit I2C-bus LED dimmer
Rev. 04-17 March 2009
PCA9533 NXP-PCA9533 Datasheet
148Kb / 24P
4-bit I2C-bus LED dimmer
Rev. 03-27 April 2009
logo
ON Semiconductor
CAT9532 ONSEMI-CAT9532_16 Datasheet
203Kb / 14P
16-bit Programmable LED Dimmer
October, 2016 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com